Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS17485 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS17485
Description  3V/5V Real-Time Clock
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17485 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS17485 Datasheet HTML 1Page - Dallas Semiconductor DS17485 Datasheet HTML 2Page - Dallas Semiconductor DS17485 Datasheet HTML 3Page - Dallas Semiconductor DS17485 Datasheet HTML 4Page - Dallas Semiconductor DS17485 Datasheet HTML 5Page - Dallas Semiconductor DS17485 Datasheet HTML 6Page - Dallas Semiconductor DS17485 Datasheet HTML 7Page - Dallas Semiconductor DS17485 Datasheet HTML 8Page - Dallas Semiconductor DS17485 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
DS17485/DS17487
3 of 38
The DS17485/DS17487 power-control circuitry allows the system to be powered on by an external
stimulus such as a keyboard or by a time-and-date (wake-up) alarm. The PWR output pin is triggered by
one or either of these events, and is used to turn on an external power supply. The PWR pin is under
software control, so that when a task is complete, the system power can then be shut down.
The DS17485 is a clock/calendar chip with the features described above. An external crystal and battery
are the only components required to maintain time-of-day and memory status in the absence of power.
The DS17487 incorporates the DS17485 chip, a 32.768kHz crystal, and a lithium battery in a complete,
self-contained timekeeping module. The entire unit is fully tested at Dallas Semiconductor such that a
minimum of 10 years of timekeeping and data retention in the absence of VCC is guaranteed.
OPERATION
The block diagram in Figure 1 shows the pin connections with the major internal functions of the
DS17485/DS17487. The following paragraphs describe the function of each pin.
SIGNAL DESCRIPTIONS
GND, VCC – DC power is provided to the device on these pins. VCC is the +3V or +5V input.
SQW – Square-Wave Output. The SQW pin provides a 32kHz square-wave output, tREC, after a power-
up condition has been detected. This condition sets the following bits, enabling the 32kHz output;
DV1 = 1, and E32k = 1. A square wave is output on this pin if either SQWE = 1 or E32k = 1. If E32k = 1,
then 32kHz is output regardless of the other control bits. If E32k = 0, then the output frequency is
dependent on the control bits in register A. The SQW pin can output a signal from one of 13 taps
provided by the 15 internal divider stages of the RTC. The frequency of the SQW pin can be changed by
programming Register A, as shown in Table 2. The SQW signal can be turned on and off using the
SQWE bit in register B or the E32k bit in extended register 4Bh. A 32kHz SQW signal is output when the
enable 32kHz (E32k) bit in extended register 4Bh is a logic 1 and VCC is above VPF. A 32kHz square
wave is also available when VCC is less than VPF if E32k = 1, ABE = 1, and voltage is applied to the
VBAUX pin.
AD0 to AD7 – Multiplexed Bidirectional Address/Data Bus. Multiplexed buses save pins because
address information time and data information time share the same signal paths. The addresses are
present during the first portion of the bus cycle and the same pins and signal paths are used for data in the
second portion of the cycle. Address/data multiplexing does not slow the access time of the DS17485
since the bus change from address to data occurs during the internal RAM access time. Addresses must
be valid prior to the latter portion of ALE, at which time the DS17485/DS17487 latches the address.
Valid write data must be present and held stable during the latter portion of the WR pulse. In a read cycle
the DS17485/DS17487 outputs 8 bits of data during the latter portion of the RD pulse. The read cycle is
terminated and the bus returns to a high impedance state as RD transitions high. The address/data bus
also serves as a bidirectional data path for the external extended RAM.
ALE – RTC Address Strobe Input; Active High. A pulse on the address strobe pin serves to
demultiplex the bus. The falling edge of ALE causes the RTC address to be latched within the
DS17485/DS17487.
RD
–RTC Read Input; Active Low. RD identifies the time period when the DS17485/DS17487 drives
the bus with RTC read data. The RD signal is an enable signal for the output buffers of the clock.


Similar Part No. - DS17485

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17485 MAXIM-DS17485 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17485 MAXIM-DS17485 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17485-3 MAXIM-DS17485-3 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17485-3++ MAXIM-DS17485-3+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17485-5 MAXIM-DS17485-5 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
More results

Similar Description - DS17485

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
163Kb / 23P
   5V PC REAL TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com