Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBA02040Z9FRP00 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBA02040Z9FRP00
Description  Professional Thin Film Leaded Resistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA02040Z9FRP00 Datasheet(HTML) 1 Page - Vishay Siliconix

  MBA02040Z9FRP00 Datasheet HTML 1Page - Vishay Siliconix MBA02040Z9FRP00 Datasheet HTML 2Page - Vishay Siliconix MBA02040Z9FRP00 Datasheet HTML 3Page - Vishay Siliconix MBA02040Z9FRP00 Datasheet HTML 4Page - Vishay Siliconix MBA02040Z9FRP00 Datasheet HTML 5Page - Vishay Siliconix MBA02040Z9FRP00 Datasheet HTML 6Page - Vishay Siliconix MBA02040Z9FRP00 Datasheet HTML 7Page - Vishay Siliconix MBA02040Z9FRP00 Datasheet HTML 8Page - Vishay Siliconix MBA02040Z9FRP00 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 02-Nov-15
1
Document Number: 28766
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Professional Thin Film Leaded Resistors
DESCRIPTION
MBA/SMA 0204, MBB/SMA 0207, and MBE/SMA 0414
professional leaded thin film resistors are the general
purpose resistor for all fields of professional electronics
where reliability and stability is of major concern. Typical
applications
include
industrial,
telecommunication,
automotive, and medical equipment.
FEATURES
• CECC
version
(IECQ-CECC
approved
according to EN 140101-806)
• Excellent overall stability: class 0.25
• Wide ohmic range: 0.22
Ω to 22 MΩ
• AEC-Q200 qualified available (1)
• Radial version available for MBB/SMA 0207
• Alternative termination wires available for e.g. welding
(MBA/SMA0204 only)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) AEC-Q200 qualified parts are available per tables “Temperature
Coefficient and Resistance Range”.
APPLICATIONS
• Industrial
• Telecommunication
• Medical equipment
• Automotive
Notes
• MB_ series has been merged with the related SMA series to form one series “MB_/SMA__”.
(2) Please refer to APPLICATION INFORMATION below.
TECHNICAL SPECIFICATIONS
DESCRIPTION
MBA/SMA 0204
MBB/SMA 0207
MBE/SMA 0414
DIN size
0204
0207
0414
CECC size
A
B
D
Resistance range
0.22
Ω to 10 MΩ; 0 Ω
0.22
Ω to 22 MΩ; 0 Ω
0.22
Ω to 22 MΩ
Resistance tolerance
± 5 %; ± 1 %; ± 0.5 %
Temperature coefficient
± 50 ppm/K; ± 25 ppm/K
Rated dissipation,
P70 (2)
0.4 W
0.6 W
1.0 W
Operating voltage,
Umax. AC/DC
200 V
350 V
500 V
Operating temperature range (2)
-55 °C to 155 °C
Peak permissible film temperature (2)
155 °C
155 °C
155 °C
Insulation voltage:
1 min.;
Uins
300 V
500 V
800 V
Continuous
75 V
75 V
75 V
Failure rate: FITobserved
≤ 0.1 x 10-9/h
≤ 0.1 x 10-9/h
≤ 0.1 x 10-9/h


Similar Part No. - MBA02040Z9FRP00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040D4702BC100 VISHAY-MBA02040D4702BC100 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
MBA02040D4702BCT00 VISHAY-MBA02040D4702BCT00 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
MBA02040D4702CC100 VISHAY-MBA02040D4702CC100 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
More results

Similar Description - MBA02040Z9FRP00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com