Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS767 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS767
Description  Fast-Transient-Response 1-A Low-Dropout Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS767 Datasheet(HTML) 1 Page - Texas Instruments

  TPS767 Datasheet HTML 1Page - Texas Instruments TPS767 Datasheet HTML 2Page - Texas Instruments TPS767 Datasheet HTML 3Page - Texas Instruments TPS767 Datasheet HTML 4Page - Texas Instruments TPS767 Datasheet HTML 5Page - Texas Instruments TPS767 Datasheet HTML 6Page - Texas Instruments TPS767 Datasheet HTML 7Page - Texas Instruments TPS767 Datasheet HTML 8Page - Texas Instruments TPS767 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TA − Free-Air Temperature − °C
−40
0
20
120
103
−60
40
60
80 100
102
101
100
10−1
10−2
−20
140
IO = 1 A
IO = 10 mA
IO = 0
Co = 10 F
t − Time − s
1
0.5
300
200
100
400 500
700
600
800 900 1000
0
0
0
50
100
−50
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS767
SLVS208J – MAY 1999 – REVISED AUGUST 2015
TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
1 Features
2 Description
This device is designed to have a fast transient
1
1 A Low-Dropout Voltage Regulator
response and be stable with 10 µF low ESR
Available in 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-V, 3.0-
capacitors.
This
combination
provides
high
V, 3.3-V, 5.0-V Fixed Output and Adjustable
performance at a reasonable cost.
Versions
Because the PMOS device behaves as a low-value
Dropout Voltage Down to 230 mV at 1 A
resistor, the dropout voltage is very low (typically
(TPS76750)
230 mV at an output current of 1 A for the TPS76750)
Ultralow 85 µA Typical Quiescent Current
and is directly proportional to the output current.
Additionally, since the PMOS pass element is a
Fast Transient Response
voltage-driven device, the quiescent current is very
2% Tolerance Over Specified Conditions for
low and independent of output loading (typically
Fixed-Output Versions
85 µA over the full range of output current, 0 mA to
Open Drain Power-On Reset With 200-ms Delay
1 A). These two key specifications yield a significant
(See TPS768xx for PG Option)
improvement in operating life for battery-powered
systems. This LDO family also features a sleep
8-Pin SOIC and 20-Pin TSSOP PowerPAD™
mode; applying a TTL high signal to EN (enable)
(PWP) Package
shuts down the regulator, reducing the quiescent
Thermal Shutdown Protection
current to 1 µA at TJ = 25°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (8)
4.90 mm × 3.91 mm
TPS767xx
HTSSOP (20)
6.50 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
TPS76733 Dropout Voltage vs Free-air
TPS76733 Load Transient Response
Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS767

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767-Q1 TI1-TPS767-Q1 Datasheet
494Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROP OUT VOLTAGE REGULATORS
TPS76701 TI-TPS76701 Datasheet
292Kb / 20P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS767

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI-TPS767_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com