Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76750Q Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS76750Q
Description  Fast-Transient-Response 1-A Low-Dropout Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76750Q Datasheet(HTML) 3 Page - Texas Instruments

  TPS76750Q Datasheet HTML 1Page - Texas Instruments TPS76750Q Datasheet HTML 2Page - Texas Instruments TPS76750Q Datasheet HTML 3Page - Texas Instruments TPS76750Q Datasheet HTML 4Page - Texas Instruments TPS76750Q Datasheet HTML 5Page - Texas Instruments TPS76750Q Datasheet HTML 6Page - Texas Instruments TPS76750Q Datasheet HTML 7Page - Texas Instruments TPS76750Q Datasheet HTML 8Page - Texas Instruments TPS76750Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TPS767
www.ti.com
SLVS208J – MAY 1999 – REVISED AUGUST 2015
4 Description (Continued)
The RESET output of the TPS767xx initiates a reset in microcomputer and microprocessor systems in the event
of an undervoltage condition. An internal comparator in the TPS767xx monitors the output voltage of the
regulator to detect an undervoltage condition on the regulated output voltage.
The TPS767xx is offered in 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-V, 3.0-V, 3.3-V, and 5.0-V fixed-voltage versions and
in an adjustable version (programmable over the range of 1.5 V to 5.5 V). Output voltage tolerance is specified
as a maximum of 2% over line, load, and temperature ranges. The TPS767xx family is available in 8-pin SOIC
and 20-pin PWP packages.
5 Device Options
VOLTAGE OPTIONS
PART NO. (1)
(V)
TSSOP
SOIC
TYP
(PWP)
(D)
TPS76750Q
TPS76750Q
5
TPS76733Q
TPS76733Q
3.3
TPS76730Q
TPS76730Q
3
TPS76728Q
TPS76728Q
2.8
TPS76727Q
TPS76727Q
2.7
TPS76725Q
TPS76725Q
2.5
TPS76718Q
TPS76718Q
1.8
TPS76715Q
TPS76715Q
1.5
TPS76701Q
TPS76701Q
Adjustable 1.5 V to 5.5 V
(1)
The TPS76701 is programmable using an external resistor divider (see application information). The D and PWP packages are available
taped and reeled. Add an R suffix to the device type (e.g., TPS76701QDR).
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS76750Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76750Q TI-TPS76750Q Datasheet
292Kb / 20P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76750Q TI-TPS76750Q Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS76750Q TI-TPS76750Q Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS76750QD TI-TPS76750QD Datasheet
292Kb / 20P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76750QD TI-TPS76750QD Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76750Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI-TPS767_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com