Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS780360200 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS780360200
Description  150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS780360200 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS780360200 Datasheet HTML 5Page - Texas Instruments TPS780360200 Datasheet HTML 6Page - Texas Instruments TPS780360200 Datasheet HTML 7Page - Texas Instruments TPS780360200 Datasheet HTML 8Page - Texas Instruments TPS780360200 Datasheet HTML 9Page - Texas Instruments TPS780360200 Datasheet HTML 10Page - Texas Instruments TPS780360200 Datasheet HTML 11Page - Texas Instruments TPS780360200 Datasheet HTML 12Page - Texas Instruments TPS780360200 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
0
25
50
75
100
125
150
I
(mA)
OUT
10
8
6
4
2
0
T =+125 C
°
J
T =+85 C
°
J
T = 40
-
°
J
C
T =+25 C
°
J
0
25
50
75
100
125
150
I
(mA)
OUT
10
8
6
4
2
0
T =+125 C
°
J
T =+85 C
°
J
T
J =
40
-
°C
T =+25 C
°
J
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
6
5
4
3
2
1
0
T =+125 C
°
J
T =+85 C
°
J
T
40
-
°
J =
C
T =+25 C
°
J
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
9
8
7
6
5
4
3
2
1
0
T =+125 C
°
J
T =+85 C
°
J
T
J = -40°C
T =+25 C
°
J
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
1000
900
800
700
600
500
400
300
200
100
0
T =+125 C
°
J
T =+85 C
°
J
T
J =
40
-
°C
T =+25 C
°
J
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
1000
900
800
700
600
500
400
300
200
100
0
T
°
J =+125 C
T
°
J =+85 C
T
J =
40
-
°C
T
°
J =+25 C
TPS780
www.ti.com
SBVS083E – JANUARY 2007 – REVISED JANUARY 2015
Typical Characteristics (continued)
Over the operating temperature range of TJ = –40°C to 125°C, VIN = VOUT(nom) + 0.5 V or 2.2 V, whichever is greater; IOUT =
100
μA, VEN = VVSET = VIN, COUT = 1 μF, and CIN = 1 μF, unless otherwise noted.
IOUT = 0 mA
VVSET = 0.4 V
VOUT(nom) = 3.3 V
IOUT = 1 mA
VVSET = 0.4 V
VOUT(nom) = 3.3 V
Figure 19. TPS780330220 Ground Pin Current vs Input
Figure 20. TPS780330220 Ground Pin Current vs Input
Voltage
Voltage
IOUT = 50 mA
VVSET = 0.4 V
VOUT(nom) = 3.3 V
IOUT = 150 mA
VVSET = 0.4 V
VOUT(nom) = 3.3 V
Figure 21. TPS780330220 Ground Pin Current vs Input
Figure 22. TPS780330220 Ground Pin Current vs Input
Voltage
Voltage
VVSET = 1.2 V
VIN = 5.5 V
VOUT(nom) = 2.2 V
VVSET = 0.4 V
VIN = 5.5 V
VOUT(nom) = 3.3 V
Figure 23. TPS780330220 Ground Pin Current vs Output
Figure 24. TPS780330220 Ground Pin Current vs Output
Current
Current
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS780


Similar Part No. - TPS780360200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS780300250DRVR TI-TPS780300250DRVR Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780300250DRVR TI-TPS780300250DRVR Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780300250DRVT TI-TPS780300250DRVT Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780300250DRVT TI-TPS780300250DRVT Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780330220DDCR TI-TPS780330220DDCR Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
More results

Similar Description - TPS780360200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
TPS780 TI-TPS780_10 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78101 TI1-TPS78101 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
896Kb / 24P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI1-TPS781_16 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_09 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780_0805 TI-TPS780_0805 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI-TPS781_15 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com