Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78101DDCRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS78101DDCRG4
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78101DDCRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS78101DDCRG4 Datasheet HTML 1Page - Texas Instruments TPS78101DDCRG4 Datasheet HTML 2Page - Texas Instruments TPS78101DDCRG4 Datasheet HTML 3Page - Texas Instruments TPS78101DDCRG4 Datasheet HTML 4Page - Texas Instruments TPS78101DDCRG4 Datasheet HTML 5Page - Texas Instruments TPS78101DDCRG4 Datasheet HTML 6Page - Texas Instruments TPS78101DDCRG4 Datasheet HTML 7Page - Texas Instruments TPS78101DDCRG4 Datasheet HTML 8Page - Texas Instruments TPS78101DDCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
FUNCTIONAL BLOCK DIAGRAM
Thermal
Shutdown
10kW
Current
Limit
Bandgap
IN
EN
OUT
EPROM
V
SET/FB
(1)
LOGIC
Active
Pull-
Down
GND
PIN CONFIGURATIONS
TPS781DRV
2mmx2mmSON-6
(TOPVIEW)
IN
GND
EN
6
5
4
OUT
N/C
V
FB
/
SET
1
2
3
Thermal
Pad
(1)
TPS781DDC
TSOT23-5
(TOPVIEW)
OUT
V
/FB
SET
IN
GND
EN
1
2
3
5
4
TPS781 Series
SBVS102B – MARCH 2008 – REVISED MAY 2008 ........................................................................................................................................................... www.ti.com
(1)
Feedback pin (FB) for adjustable versions; VSET for fixed voltage versions.
(1) It is recommended that the SON package thermal pad be connected to ground.
Table 1. TERMINAL FUNCTIONS
TERMINAL
NAME
DRV
DDC
DESCRIPTION
Regulated output voltage pin. A small (1
µF) ceramic capacitor is needed from this pin to
OUT
1
5
ground to assure stability. See the Input and Output Capacitor Requirements in the
Application Information section for more details.
N/C
2
Not connected.
Feedback pin (FB) for adjustable versions; VSET for fixed voltage versions. Driving the select
VSET/FB
3
4
pin (VSET) below 0.4V selects preset output voltage high. Driving the VSET pin over 1.2V
selects preset output voltage low.
Driving the enable pin (EN) over 1.2V turns on the regulator. Driving this pin below 0.4V puts
EN
4
3
the regulator into shutdown mode, reducing operating current to 18nA typical.
GND
5
2
Ground pin.
Input pin. A small capacitor is needed from this pin to ground to assure stability. Typical input
IN
6
1
capacitor = 1.0
µF. Both input and output capacitor grounds should be tied back to the IC
ground with no significant impedance between them.
Thermal pad
Thermal pad
It is recommended that the SON package thermal pad be connected to ground.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated


Similar Part No. - TPS78101DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78101DDCRG4 TI1-TPS78101DDCRG4 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
More results

Similar Description - TPS78101DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78101 TI1-TPS78101 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI-TPS781_15 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_10 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
896Kb / 24P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_09 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780_0805 TI-TPS780_0805 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com