Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78001DDCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78001DDCT
Description  150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78001DDCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS78001DDCT Datasheet HTML 3Page - Texas Instruments TPS78001DDCT Datasheet HTML 4Page - Texas Instruments TPS78001DDCT Datasheet HTML 5Page - Texas Instruments TPS78001DDCT Datasheet HTML 6Page - Texas Instruments TPS78001DDCT Datasheet HTML 7Page - Texas Instruments TPS78001DDCT Datasheet HTML 8Page - Texas Instruments TPS78001DDCT Datasheet HTML 9Page - Texas Instruments TPS78001DDCT Datasheet HTML 10Page - Texas Instruments TPS78001DDCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
250
200
150
100
50
0
150mA
100mA
50mA
10mA
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
250
200
150
100
50
0
150mA
100mA
50mA
10mA
0
25
50
75
100
125
150
I
(mA)
OUT
200
180
160
140
120
100
80
60
40
20
0
T
J =+85°C
T = 40
-
°
J
C
T
J =+125°C
T
J =+25°C
0
25
50
75
100
125
150
I
(mA)
OUT
250
200
150
100
50
0
T
J =+125°C
T
J =+85°C
T = 40
-
°
J
C
T
J =+25°C
0
25
50
75
100
125
150
I
(mA)
OUT
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
T
J =+85°C
T = 40
-
°
J
C
T
J =+25°C
0
25
50
75
100
125
150
I
(mA)
OUT
3
2
1
0
-1
-2
-3
T
J =+85°C
T = 40
-
°
J
C
T
J =+25°C
TPS780
www.ti.com
SBVS083E – JANUARY 2007 – REVISED JANUARY 2015
Typical Characteristics (continued)
Over the operating temperature range of TJ = –40°C to 125°C, VIN = VOUT(nom) + 0.5 V or 2.2 V, whichever is greater; IOUT =
100
μA, VEN = VVSET = VIN, COUT = 1 μF, and CIN = 1 μF, unless otherwise noted.
VVSET = 1.2 V
VIN = 2.7 V
VOUT(nom) = 2.2 V
VVSET = 0.4 V
VIN = 3.8 V
VOUT(nom) = 3.3 V
Figure 7. TPS780330220 Load Regulation
Figure 8. TPS780330220 Load Regulation
VOUT(nom) = 3.3 V
VIN = 0.95 × VOUT(nom)
VVSET = 0.4 V
VOUT(nom) = 3.3 V
VIN = 0.95 × VOUT(nom)
Figure 9. TPS78001 Dropout Voltage vs Output Current
Figure 10. TPS780330220 Dropout Voltage vs Output
Current
VOUT(nom) = 3.3
VIN = 0.95 × VOUT(nom)
VVSET = 0.4 V
VOUT(nom) = 3.3 V
VIN = 0.95 × VOUT(nom)
Figure 11. TPS78001 Dropout Voltage vs Temperature
Figure 12. TPS780330220 Dropout Voltage vs Temperature
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS780


Similar Part No. - TPS78001DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78001DDCT TI-TPS78001DDCT Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78001DDCT TI-TPS78001DDCT Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78001DDCT TI-TPS78001DDCT Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78001DDCTG4 TI-TPS78001DDCTG4 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78001DDCTG4 TI-TPS78001DDCTG4 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
More results

Similar Description - TPS78001DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
TPS780 TI-TPS780_10 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78101 TI1-TPS78101 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
896Kb / 24P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI1-TPS781_16 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_09 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780_0805 TI-TPS780_0805 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI-TPS781_15 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com