Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78227DDCR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78227DDCR
Description  500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78227DDCR Datasheet(HTML) 3 Page - Texas Instruments

  TPS78227DDCR Datasheet HTML 1Page - Texas Instruments TPS78227DDCR Datasheet HTML 2Page - Texas Instruments TPS78227DDCR Datasheet HTML 3Page - Texas Instruments TPS78227DDCR Datasheet HTML 4Page - Texas Instruments TPS78227DDCR Datasheet HTML 5Page - Texas Instruments TPS78227DDCR Datasheet HTML 6Page - Texas Instruments TPS78227DDCR Datasheet HTML 7Page - Texas Instruments TPS78227DDCR Datasheet HTML 8Page - Texas Instruments TPS78227DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
IN
GND
EN
6
5
4
OUT
N/C
GND
1
2
3
Thermal
Pad
OUT
GND
IN
GND
EN
1
2
3
5
4
TPS782
www.ti.com
SBVS115D – AUGUST 2008 – REVISED JANUARY 2015
5 Pin Configuration and Functions
DDC PACKAGE
TSOT23-5
(TOP VIEW)
DRV PACKAGE
2-mm x 2-mm SON-6
(TOP VIEW)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DRV
DDC
Regulated output voltage pin. A small (1-
μF) ceramic capacitor is needed from this pin to
OUT
1
5
O
ground to assure stability. See the Input and Output Capacitor Requirements in the
Application and Implementation section for more details.
NC
2
No internal connection.
Enable pin. Drive this pin over 1.2 V to turn on the regulator. Drive this pin below 0.4 V to
EN
4
3
I
put the regulator into shutdown mode, reducing operating current to 18 nA typical.
GND
3, 5
2, 4
Ground pin. Tie all ground pins to ground for proper operation.
Input pin. For stable operation, place a small, 0.1-µF capacitor from this pin to ground;
IN
6
1
I
typical input capacitor = 1.0 µF. Tie back both input and output capacitor grounds to the
IC ground, with no significant impedance between them.
Thermal
Thermal
Connect the thermal pad to ground.
pad
pad
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS782


Similar Part No. - TPS78227DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78227DDCR TI-TPS78227DDCR Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78227DDCR TI-TPS78227DDCR Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78227DDCR TI1-TPS78227DDCR Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS78227DDCR TI1-TPS78227DDCR Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78227DDCRG4 TI-TPS78227DDCRG4 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
More results

Similar Description - TPS78227DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782 TI-TPS782 Datasheet
1Mb / 28P
[Old version datasheet]   TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
TPS78225-Q1 TI1-TPS78225-Q1 Datasheet
574Kb / 18P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS78225-Q1 TI-TPS78225-Q1_15 Datasheet
846Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com