Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76718QPWP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76718QPWP
Description  Fast-Transient-Response 1-A Low-Dropout Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76718QPWP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS76718QPWP Datasheet HTML 7Page - Texas Instruments TPS76718QPWP Datasheet HTML 8Page - Texas Instruments TPS76718QPWP Datasheet HTML 9Page - Texas Instruments TPS76718QPWP Datasheet HTML 10Page - Texas Instruments TPS76718QPWP Datasheet HTML 11Page - Texas Instruments TPS76718QPWP Datasheet HTML 12Page - Texas Instruments TPS76718QPWP Datasheet HTML 13Page - Texas Instruments TPS76718QPWP Datasheet HTML 14Page - Texas Instruments TPS76718QPWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
0.1
0
200
400
600
800
1000
10
IO − Output Current − mA
1
Region of Stability
Region of Instability
VI − Input Voltage − V
600
300
0
3
4
500
400
200
3.5
2.5
100
4.5
5
900
800
700
TA = 125°C
TA = −40°C
TA = 25°C
t − Time − s
1
0.5
300
200
100
400 500
700
600
800 900 1000
0
0
0
50
100
−50
−100
t − Time − ms
3
2
0.3
0.2
0.1
0.4 0.5
0.7
0.6
0.8
0.9
1
0
0
1
4
0
t − Time − s
1
0.5
0
0
300
200
100
400 500
700
600
800 900 1000
0
50
100
−50
−100
t − Time − s
5.3
60
40
20
80 100
140
120
160 180 200
0
4.3
10
0
−10
TPS767
www.ti.com
SLVS208J – MAY 1999 – REVISED AUGUST 2015
CO = 10 µF
TA = 25°C
CO = 10 µF
TA = 25°C
Figure 17. TPS76733 Line Transient Response
Figure 16. TPS76715 Load Transient Response
CO = 10 µF
IO = 1 A
TA = 25°C
CO = 10 µF
TA = 25°C
Figure 19. TJPS7633 Output Voltage vs Time (At Startup)
Figure 18. TPS76733 Load Transient Response
IO = 1 A
VO = 3.3 V
Co = 4.7 µF
VI = 4.3 A
TA = 25°C
Figure 20. TPS76701 Dropout Voltage vs Input Voltage
Figure 21. Typical Region of Stability
Equivalent Series Resistance vs Output Current
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS76718QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76718QPWP TI-TPS76718QPWP Datasheet
292Kb / 20P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76718QPWP TI-TPS76718QPWP Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS76718QPWPG4 TI-TPS76718QPWPG4 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS76718QPWPR TI-TPS76718QPWPR Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS76718QPWPREP TI1-TPS76718QPWPREP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76718QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI-TPS767_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com