Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78228DRVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78228DRVT
Description  500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78228DRVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS78228DRVT Datasheet HTML 7Page - Texas Instruments TPS78228DRVT Datasheet HTML 8Page - Texas Instruments TPS78228DRVT Datasheet HTML 9Page - Texas Instruments TPS78228DRVT Datasheet HTML 10Page - Texas Instruments TPS78228DRVT Datasheet HTML 11Page - Texas Instruments TPS78228DRVT Datasheet HTML 12Page - Texas Instruments TPS78228DRVT Datasheet HTML 13Page - Texas Instruments TPS78228DRVT Datasheet HTML 14Page - Texas Instruments TPS78228DRVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TPS78227
GND
EN
IN
OUT
V
IN
V
OUT
1 F
m
1 F
m
4.2Vto5.5V
2.7V
t=3
10k
R
W
L
´
10kW +RL
C
OUT
´
TPS782
www.ti.com
SBVS115D – AUGUST 2008 – REVISED JANUARY 2015
Feature Description (continued)
7.3.3 Shutdown
The enable pin (EN) is active high and is compatible with standard and low-voltage CMOS levels. When
shutdown capability is not required, EN should be connected to the IN pin, as shown in Figure 22. The TPS782
series, with internal active output pulldown circuitry, discharges the output to within 5% VOUT with a time (t)
shown in Equation 1:
(1)
Where:
RL= output load resistance
COUT = output capacitance
Figure 22. Circuit Showing EN Tied High When Shutdown Capability Is Not Required
7.4 Device Functional Modes
Table 1 provides a quick comparison between the normal, dropout, and disabled modes of operation.
Table 1. Device Functional Mode Comparison
PARAMETER
OPERATING MODE
VIN
EN
IOUT
TJ
Normal
VIN > VOUT(nom) + VDO
VEN > VEN(HI)
IOUT < ILIM
TJ < TSD
Dropout
VIN < VOUT(nom) + VDO
VEN > VEN(HI)
IOUT < ILIM
TJ < TSD
Disabled
VEN < VEN(LO)
TJ > TSD
7.4.1 Normal Operation
The device regulates to the nominal output voltage under the following conditions:
The input voltage is greater than the nominal output voltage plus the dropout voltage (VOUT(nom) + VDO).
The enable voltage has previously exceeded the enable rising threshold voltage and not yet decreased below
the enable falling threshold.
The output current is less than the current limit (IOUT < ILIM).
The device junction temperature is less than the thermal shutdown temperature (TJ < TSD).
7.4.2 Dropout Operation
If the input voltage is lower than the nominal output voltage plus the specified dropout voltage, but all other
conditions are met for normal operation, the device operates in dropout mode. In this mode, the output voltage
tracks the input voltage. During this mode, the transient performance of the device becomes significantly
degraded because the pass device is in a triode state and no longer controls the current through the LDO. Line
or load transients in dropout can result in large output-voltage deviations.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS782


Similar Part No. - TPS78228DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78228DRVT TI-TPS78228DRVT Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78228DRVT TI-TPS78228DRVT Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78228DRVT TI1-TPS78228DRVT Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS78228DRVT TI1-TPS78228DRVT Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78228DRVTG4 TI-TPS78228DRVTG4 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
More results

Similar Description - TPS78228DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782 TI-TPS782 Datasheet
1Mb / 28P
[Old version datasheet]   TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
TPS78225-Q1 TI1-TPS78225-Q1 Datasheet
574Kb / 18P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS78225-Q1 TI-TPS78225-Q1_15 Datasheet
846Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com