Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76850QDRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS76850QDRG4
Description  FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76850QDRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS76850QDRG4 Datasheet HTML 1Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 2Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 3Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 4Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 5Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 6Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 7Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 8Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
(2)
If VO≤ 1.8 V then VImax = 10 V, VImin = 2.7 V:
Line Reg. (mV)
+ (% V)
V
O
V
Imax
*2.7V
100
1000
If VO≥ 2.5 V then VImax = 10 V, VImin = VO + 1 V:
Line Reg. (mV)
+ (% V)
V
O
V
Imax* VO)1V
100
1000
ELECTRICAL CHARACTERISTICS
TPS768xxQ
SLVS211L – JUNE 1999 – REVISED JANUARY 2006
over recommended operating free-air temperature range, V
I = VO(typ)+ 1 V, IO = 1 mA, EN = 0 V, CO = 10 µF (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
–40
°C ≤ T
J ≤ +125°C, VO + 1 V ≤ VIN ≤ 10V
(1),
VOUT Accuracy
(0.98)VO
VO
(1.02)VO
V
10
µA ≤ I
O ≤ 1A
10
µA < I
O < 1 A, TJ = +25°C
85
Quiescent current (GND current) EN = 0V (1)
µA
IO = 1 A, TJ = –40°C to +125°C
125
Output voltage line regulation (
∆V
O/VO)
(1) (2)
VO + 1 V < VI ≤ 10 V, TJ = +25°C
0.01
%/V
Load regulation
3
mV
BW = 200 Hz to 100 kHz, CO = 10 µF,
Output noise voltage (TPS76818)
55
µVrms
IC = 1 A, TJ = +25°C
Output current limit
VO = 0 V
1.2
1.7
2
A
Thermal shutdown junction temperature
150
°C
VEN = VI, TJ = +25°C, 2.7 V < VI < 10 V
1
µA
Standby current
VEN = VI, TJ = –40°C to +125°C,
10
µA
2.7 V < VI < 10 V
FB pin current, IFB
TPS76801
VFB = 1.5 V
2
nA
High-level enable input voltage
1.7
V
Low-level enable input voltage
0.9
V
Power-supply ripple rejection (1)
f = 1 kHz, CO = 10 µF, TJ = +25°C
60
dB
Minimum input voltage for valid PG
IO(PG) = 300 µA
1.1
V
Trip threshold voltage
VO decreasing
92
98
%VO
Power
Good
Hysteresis voltage
Measured at VO
0.5
%VO
(PG)
Output low voltage
VI = 2.7 V, IO(PG) = 1 mA
0.15
0.4
V
Leakage current
V(PG) = 5 V
1
µA
VEN = 0 V
1
0
1
Enable pin current (IEN)
µA
VEN = VI
1
1
IO = 1 A, TJ = +25°C
500
TPS76828
IO = 1 A, TJ = –40°C to +125°C
825
IO = 1 A, TJ = +25°C
450
TPS76830
IO = 1 A, TJ = –40°C to +125°C
675
Dropout voltage (3)
mV
IO = 1 A, TJ = +25°C
350
TPS76833
IO = 1 A, TJ = –40°C to +125°C
575
IO = 1 A, TJ = +25°C
230
TPS76850
IO = 1 A, TJ = –40°C to +125°C
380
(1)
Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 10 V.
(3)
IN voltage equals VO(typ) – 100 mV; TPS76801 output voltage set to 3.3 V nominal with external resistor divider. TPS76815, TPS76818,
TPS76825, and TPS76827 dropout voltage limited by input voltage range limitations (that is, TPS76830 input voltage must drop to 2.9 V
for the purpose of this test).
3
Submit Documentation Feedback


Similar Part No. - TPS76850QDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76850QDRG4 TI-TPS76850QDRG4 Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76850QDRG4 TI-TPS76850QDRG4 Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76850QDRG4 TI-TPS76850QDRG4 Datasheet
879Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76850QDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com