Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76733QPWPG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76733QPWPG4
Description  Fast-Transient-Response 1-A Low-Dropout Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76733QPWPG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS76733QPWPG4 Datasheet HTML 5Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 6Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 7Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 8Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 9Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 10Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 11Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 12Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TA − Free-Air Temperature − °C
92
84
72
90
88
82
80
78
76
74
86
−40
0
−20
100
−60
120
20
40
60
80
140
IO = 500 mA
IO = 1 A
IO = 1 mA
TA − Free-Air Temperature − °C
−40
0
−20
100
−60
120
20
40
60
80
140
IO = 1 A
100
95
90
85
80
75
IO = 1 mA
IO = 500 mA
TA − Free-Air Temperature − °C
1.515
1.500
1.485
−40
0
1.510
1.505
1.495
−20
100
−60
120
1.490
20
40
60
80
IO = 1 A
IO = 1 mA
140
TA − Free-Air Temperature − °C
−40
0
−20
100
−60
120
20
40
60
80
2.515
2.500
2.480
2.510
2.505
2.495
2.490
2.485
IO = 1 A
IO = 1 mA
IO − Output Current − A
2.4955
2.4940
2.4920
0.1
0.3
2.4950
2.4945
2.4935
0.2
0.4
0.6
2.4960
0
0.5
2.4930
2.4925
0.8
0.7
0.9
1
TA − Free-Air Temperature − °C
3.31
3.28
3.25
−40
0
3.30
3.29
3.27
−20
100
140
3.32
−60
120
3.26
20
40
60
80
IO = 1 A
IO = 1 mA
TPS767
www.ti.com
SLVS208J – MAY 1999 – REVISED AUGUST 2015
VI = 3.5 V
TA = 25°C
VI = 4.3 V
Figure 4. TPS76725 Output Voltage vs Output Current
Figure 5. TPS76733 Output Voltage vs Free-Air Temperature
VI = 2.7 V
VI = 3.5 V
Figure 6. TPS76715 Output Voltage vs Free-Air Temperature
Figure 7. TPS767125 Output Voltage vs Free-Air
Temperature
VI = 2.7 V
VI = 4.3 V
Figure 9. TPS76715 Ground Current vs Free-Air
Figure 8. TPS76733 Ground Current vs Free-Air
Temperature
Temperature
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS76733QPWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76733QPWPG4 TI-TPS76733QPWPG4 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76733QPWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI-TPS767_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com