Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78618DCQR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78618DCQR
Description  Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78618DCQR Datasheet(HTML) 5 Page - Texas Instruments

  TPS78618DCQR Datasheet HTML 1Page - Texas Instruments TPS78618DCQR Datasheet HTML 2Page - Texas Instruments TPS78618DCQR Datasheet HTML 3Page - Texas Instruments TPS78618DCQR Datasheet HTML 4Page - Texas Instruments TPS78618DCQR Datasheet HTML 5Page - Texas Instruments TPS78618DCQR Datasheet HTML 6Page - Texas Instruments TPS78618DCQR Datasheet HTML 7Page - Texas Instruments TPS78618DCQR Datasheet HTML 8Page - Texas Instruments TPS78618DCQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TPS786
www.ti.com
SLVS389M – SEPTEMBER 2002 – REVISED SEPTEMBER 2015
6.4 Thermal Information
TPS786(3)
THERMAL METRIC(1)(2)
DRB (SON)
DCQ (S0T-223)
KTT (TO-263)
UNIT
8 PINS
6 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
41.1
54.2
40.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
49.1
33.3
43.1
°C/W
RθJB
Junction-to-board thermal resistance
16.6
8.9
21.5
°C/W
ψJT
Junction-to-top characterization parameter
0.7
2.6
9.4
°C/W
ψJB
Junction-to-board characterization parameter
16.8
8.8
20
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.2
N/A
2.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
(3)
Thermal data for the DRB, DCQ, and DRV packages are derived by thermal simulations based on JEDEC-standard methodology as
specified in the JESD51 series. The following assumptions are used in the simulations:
(a)
i. DRB: The exposed pad is connected to the PCB ground layer through a 2×2 thermal via array.
. ii. DCQ: The exposed pad is connected to the PCB ground layer through a 3×2 thermal via array.
. iii. KTT: The exposed pad is connected to the PCB ground layer through a 5×4 thermal via array.
(b) i. DRB: The top and bottom copper layers are assumed to have a 20% thermal conductivity of copper representing a 20% copper
coverage.
. ii. DCQ: Each of top and bottom copper layers has a dedicated pattern for 20% copper coverage.
. iii. KTT: The top and bottom copper layers are assumed to have a 20% thermal conductivity of copper representing a 20% copper
coverage.
(c) These data were generated with only a single device at the center of a JEDEC high-K (2s2p) board with 3 inches × 3 inches copper
area. To understand the effects of the copper area on thermal performance, see the Power Dissipation and Estimating Junction
Temperature sections of this data sheet.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS786


Similar Part No. - TPS78618DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78618DCQR TI-TPS78618DCQR Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78618DCQR TI-TPS78618DCQR Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78618DCQR TI1-TPS78618DCQR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78618DCQRG4 TI-TPS78618DCQRG4 Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78618DCQRG4 TI1-TPS78618DCQRG4 Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS78618DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com