Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78618KTTRG3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78618KTTRG3
Description  Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78618KTTRG3 Datasheet(HTML) 1 Page - Texas Instruments

  TPS78618KTTRG3 Datasheet HTML 1Page - Texas Instruments TPS78618KTTRG3 Datasheet HTML 2Page - Texas Instruments TPS78618KTTRG3 Datasheet HTML 3Page - Texas Instruments TPS78618KTTRG3 Datasheet HTML 4Page - Texas Instruments TPS78618KTTRG3 Datasheet HTML 5Page - Texas Instruments TPS78618KTTRG3 Datasheet HTML 6Page - Texas Instruments TPS78618KTTRG3 Datasheet HTML 7Page - Texas Instruments TPS78618KTTRG3 Datasheet HTML 8Page - Texas Instruments TPS78618KTTRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
Frequency (Hz)
100
10k
100k
1k
IOUT = 1 mA
IOUT = 1.5 A
VIN = 5.5 V
COUT = 2.2 µF
CNR = 0.1 µF
0
10
20
30
40
50
60
70
80
f (Hz)
1
10k
10M
1k
IOUT = 1 mA
IOUT = 1.5 A
VIN = 4 V
COUT = 10 µF
CNR = 0.01 µF
10
100
100k
1M
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS786
SLVS389M – SEPTEMBER 2002 – REVISED SEPTEMBER 2015
TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A
Low-Dropout Linear Regulators
1 Features
3 Description
The TPS786 family of low-dropout (LDO) low-power
1
1.5-A Low-Dropout Regulator With Enable
linear voltage regulators features high power-supply
Available in Fixed and Adjustable (1.2 V to 5.5 V)
rejection ratio (PSRR), ultralow noise, fast start-up,
Output Versions
and excellent line and load transient responses in
High PSRR (49 dB at 10 kHz)
small outline, SOT223-6 and DDPAK-5 packages.
Each device in the family is stable, with a small 1-
μF
Ultralow Noise (48
μVRMS, TPS78630)
ceramic capacitor on the output. The family uses an
Fast Start-Up Time (50
μs)
advanced, proprietary BiCMOS fabrication process to
Stable With a 1-
μF Ceramic Capacitor
yield extremely low dropout voltages (for example,
390 mV at 1.5 A). Each device achieves fast start-up
Excellent Load and Line Transient Response
times (approximately 50
μs with a 0.001-μF bypass
Very Low Dropout Voltage (390 mV at Full Load,
capacitor)
while
consuming
very
low
quiescent
TPS78630)
current (265
μA, typical). Moreover, when the device
3 × 3 SON PowerPAD™, 6-Pin SOT223 and 5-Pin
is placed in standby mode, the supply current is
DDPAK Package
reduced to less than 1
μA. The TPS78630 exhibits
approximately 48
μVRMS of output voltage at 3-V
output
noise
with
a
0.1-
μF
bypass
capacitor.
2 Applications
Applications with analog components that are noise
RF: VCOs, Receivers, ADCs
sensitive, such as portable RF electronics, benefit
Audio
from the high PSRR, low noise features, and the fast
response time.
Bluetooth®, Wireless LAN
Cellular and Cordless Telephones
Device Information(1)
Handheld Organizers, PDAs
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TO-263 (5)
10.16 mm × 8.42 mm
TPS786
SOT-223 (6)
6.50 mm × 3.50 mm
SON (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Ripple Rejection vs Frequency
Output Spectral Noise Density vs
Frequency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS78618KTTRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78618KTTRG3 TI-TPS78618KTTRG3 Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78618KTTRG3 TI1-TPS78618KTTRG3 Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS78618KTTRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com