Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS7064N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS7064N
Description  30V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS7064N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS7064N Datasheet HTML 1Page - Fairchild Semiconductor FDS7064N Datasheet HTML 2Page - Fairchild Semiconductor FDS7064N Datasheet HTML 3Page - Fairchild Semiconductor FDS7064N Datasheet HTML 4Page - Fairchild Semiconductor FDS7064N Datasheet HTML 5Page - Fairchild Semiconductor FDS7064N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
January 2004
2004 Fairchild Semiconductor Corporation
FDS7064N Rev C2 (W)
FDS7064N
30V N-Channel PowerTrenchMOSFET
General Description
This
N-Channel
MOSFET
has
been
designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers. It has been optimized for
“low side” synchronous rectifier operation, providing an
extremely low RDS(ON) in a small package.
Applications
• Synchronous rectifier
• DC/DC converter
Features
• 16 A, 30 V
RDS(ON) = 7.5 mΩ @ VGS = 4.5 V
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability
• Fast switching
• FLMP SO-8 package: Enhanced thermal
performance in industry-standard package size
4
5
3
6
2
7
1
8
Bottom-side
Drain Contact
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
± 12
V
ID
Drain Current – Continuous
(Note 1a)
16
A
– Pulsed
60
PD
Power Dissipation for Single Operation
(Note 1a)
3.0
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
40
°C/W
RθJC
Thermal Resistance, Junction-to-Case
0.5
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS7064N
FDS7064N
13’’
12mm
2500 units


Similar Part No. - FDS7064N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS7064N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com