Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLF1963TE Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLF1963TE
Description  Low Dropout Linear Voltage Post Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF1963TE Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLF1963TE Datasheet HTML 4Page - Infineon Technologies AG TLF1963TE Datasheet HTML 5Page - Infineon Technologies AG TLF1963TE Datasheet HTML 6Page - Infineon Technologies AG TLF1963TE Datasheet HTML 7Page - Infineon Technologies AG TLF1963TE Datasheet HTML 8Page - Infineon Technologies AG TLF1963TE Datasheet HTML 9Page - Infineon Technologies AG TLF1963TE Datasheet HTML 10Page - Infineon Technologies AG TLF1963TE Datasheet HTML 11Page - Infineon Technologies AG TLF1963TE Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Data Sheet
8
Rev. 1.0, 2012-11-08
TLF1963
General Product Characteristics
4.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Table 2
Functional Range
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Input voltage
V
I
2.5
20
V
4.2.2
Output Capacitor’s Requirements
for Stability
C
Q
10
µF
1)
1) the minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
ESR(C
Q)
–3
Ω
2)
2) relevant ESR value at
f = 10 kHz
4.2.3
Junction temperature
T
j
-40
150
°C
Table 3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Package PG-TO263-5
4.3.1
Junction to Case1)
1) Not subject to production test, specified by design.
R
thJC
0.84
K/W
measured to heat
slug
4.3.2
Junction to Ambient1)
R
thJA
–19
K/W
2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm³ board with 2 inner copper layers (2 x 70 µm Cu, 2 x 35 µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
4.3.3
64
K/W
footprint only3)
3) Specified
R
thJA value is according to Jedec JESD 51-3 at natural convection on FR4 1s0p board; The Product
(Chip+Package) was simulated on a 76.2
× 114.3 × 1.5 mm3 board with 1 copper layer (1 x 70 µm Cu).
4.3.4
36
K/W
300 mm² heatsink
area3)
4.3.5
29
K/W
600 mm² heatsink
area3)
Package PG-TO252-5
4.3.6
Junction to Case1)
R
thJC
0.78
K/W
measured to heat
slug
4.3.7
Junction to Ambient1)
R
thJA
–24
K/W
2)
4.3.8
95
K/W
footprint only3)
4.3.9
50
K/W
300 mm² heatsink
area3)
4.3.10
38
K/W
600 mm² heatsink
area3)


Similar Part No. - TLF1963TE

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TLF10UAH1230R5 TAIYO-YUDEN-TLF10UAH1230R5 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF10UAH8720R7 TAIYO-YUDEN-TLF10UAH8720R7 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF10UAH9920R6 TAIYO-YUDEN-TLF10UAH9920R6 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
logo
Infineon Technologies A...
TLF11251LD INFINEON-TLF11251LD Datasheet
2Mb / 25P
   OPTIREG™ PMIC TLF11251LD 2.5 A half bridge with integrated driver and level shifter
Rev. 1.02 2021-02-05
logo
RFE international
TLF1306-101Y RFE-TLF1306-101Y Datasheet
165Kb / 2P
   SURFACE MOUNT TRANSFORMERS TLF Series: Line Filter (Common Mode Choke)
More results

Similar Description - TLF1963TE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS208D1 INFINEON-TLS208D1_15 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS208D1 INFINEON-TLS208D1 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0 INFINEON-TLS203B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
   Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com