Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70158PWPG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70158PWPG4
Description  Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70158PWPG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS70158PWPG4 Datasheet HTML 6Page - Texas Instruments TPS70158PWPG4 Datasheet HTML 7Page - Texas Instruments TPS70158PWPG4 Datasheet HTML 8Page - Texas Instruments TPS70158PWPG4 Datasheet HTML 9Page - Texas Instruments TPS70158PWPG4 Datasheet HTML 10Page - Texas Instruments TPS70158PWPG4 Datasheet HTML 11Page - Texas Instruments TPS70158PWPG4 Datasheet HTML 12Page - Texas Instruments TPS70158PWPG4 Datasheet HTML 13Page - Texas Instruments TPS70158PWPG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
TPS70145, TPS70148
TPS70151, TPS70158
TPS70102
SLVS222I – DECEMBER 1999 – REVISED AUGUST 2010
www.ti.com
Table 1. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
6
I
Active low enable
GND
8
Ground
MR1
4
I
Manual reset input 1, active low, pulled up internally
MR2
5
I
Manual reset input 2, active low, pulled up internally
NC
1, 11, 20
No connection
Open drain output, low when VOUT1 voltage is less than 95% of the nominal regulated
PG1
16
O
voltage
RESET
15
O
Open drain output, SVS (power-on reset) signal, active low
Power-up sequence control: SEQ = High, VOUT2 powers up first;
SEQ
7
I
SEQ = Low, VOUT1 powers up first, SEQ terminal pulled up internally.
VIN1
2, 3
I
Input voltage of regulator 1
VIN2
9, 10
I
Input voltage of regulator 2
VOUT1
18, 19
O
Output voltage of regulator 1
VOUT2
12, 13
O
Output voltage of regulator 2
VSENSE2/FB2
14
I
Regulator 2 output voltage sense/regulator 2 feedback for adjustable
VSENSE1/FB1
17
I
Regulator 1 output voltage sense/regulator 1 feedback for adjustable
Detailed Description
The TPS701xx low dropout regulator family provides dual regulated output voltages for DSP applications that
require high-performance power management solutions. These devices provide fast transient response and high
accuracy with small output capacitors, while drawing low quiescent current. Programmable sequencing provides
a power solution for DSPs without any external component requirements. This architecture reduces the
component cost and board space while increasing total system reliability. The TPS701xx family has an enable
feature that puts the device in sleep mode reducing the input currents to less than 3mA. Other features are
integrated SVS (Power-On Reset, RESET) and Power Good (PG1) that monitor output voltages and provide
logic output to the system. These differentiated features provide a complete DSP power solution.
The TPS701xx, unlike many other LDOs, feature very low quiescent current that remains virtually constant even
with varying loads. Conventional LDO regulators use a pnp pass element, the base current of which is directly
proportional to the load current through the regulator (IB = IC/b). The TPS701xx uses a PMOS transistor to pass
current; because the gate of the PMOS is voltage=driven, operating current is low and stable over the full load
range.
Pin Functions
Enable
The EN terminal is an input that enables or shuts down the device. If EN is at a voltage high signal, the device is
in shutdown mode. When EN goes to voltage low, the device is enabled.
Sequence
The SEQ terminal is an input that programs which output voltage (VOUT1 or VOUT2) is turned on first. When the
device is enabled and the SEQ terminal is pulled high or left open, VOUT2 turns on first and VOUT1 remains off until
VOUT2 reaches approximately 83% of its regulated output voltage. At that time, VOUT1 is turned on. If VOUT2 is
pulled below 83% (for example, in an overload condition) VOUT1 is turned off. These terminals have a 6-mA pullup
current to VIN1.
Pulling the SEQ terminal low reverses the power-up order and VOUT1 is turned on first. For detailed timing
diagrams, refer to Figure 40 through Figure 44.
10
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated


Similar Part No. - TPS70158PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70158PWPG4 TI-TPS70158PWPG4 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results

Similar Description - TPS70158PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS701XX TI1-TPS701XX Datasheet
563Kb / 34P
[Old version datasheet]   Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70345-EP TI1-TPS70345-EP Datasheet
937Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358M TI1-TPS70358M Datasheet
837Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com