Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA1156 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSA1156
Description  Low RON Low Voltage SPST Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA1156 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSA1156 Datasheet HTML 1Page - Fairchild Semiconductor FSA1156 Datasheet HTML 2Page - Fairchild Semiconductor FSA1156 Datasheet HTML 3Page - Fairchild Semiconductor FSA1156 Datasheet HTML 4Page - Fairchild Semiconductor FSA1156 Datasheet HTML 5Page - Fairchild Semiconductor FSA1156 Datasheet HTML 6Page - Fairchild Semiconductor FSA1156 Datasheet HTML 7Page - Fairchild Semiconductor FSA1156 Datasheet HTML 8Page - Fairchild Semiconductor FSA1156 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (all typical value are at 25°C unless otherwise specified)
Capacitance
Symbol
Parameter
VCC
TA = +25 °CTA = −40°C to +85°C
Units
Conditions
Figure
(V)
Min
Typ
Max
Min
Max
Number
tON
Turn ON Time
2.7 to 3.6
30.0
40.0
45.0
ns
B
= 1.5V, R
L = 50Ω, CL = 35 pF
Figure 1
4.5 to 5.5
15.0
20.0
25.0
B
= 3.0V, R
L = 50Ω, CL = 35 pF
tOFF
Turn OFF Time
2.7 to 3.6
25.0
35.0
45.0
ns
B
= 1.5V, R
L = 50Ω, CL = 35 pF
Figure 1
4.5 to 5.5
22.0
30.0
40.0
B
= 3.0V, R
L = 50Ω, CL = 35 pF
Q
Charge Injection
2.7 to 3.6
10.0
pC
CL = 1.0nF, VGE = 0V,
Figure 2
4.5 to 5.5
20.0
RGEN = 0Ω
OIRR
OFF- Isolation
2.7 to 3.6
−65.0
dB
f
= 1MHz, R
L = 50Ω
Figure 3
4.5 to 5.5
−65.0
BW
−3db Bandwidth
2.7 to 3.6
300
MHz
RL = 50Ω
Figure 4
4.5 to 5.5
300
THD
Total Harmonic
2.7 to 3.6
0.001
%
RL = 600Ω, VIN = 0.5V PP,
Figure 5
Distortion
4.5 to 5.5
0.001
f
= 20Hz to 20kHz
Symbol
Parameter
VCC
TA = +25°C
Units
Conditions
Figure
(V)
Min
Typ
Max
Number
CIN
Control Pin Input Capacitance
0
3.0
pF
f
= 1MHz
Figure 6
COFF
A/B Port OFF Capacitance
4.5
20.0
pF
f
= 1MHz
Figure 6
CON
A/B Port ON Capacitance
4.5
65.0
pF
f
= 1MHz
Figure 6


Similar Part No. - FSA1156

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
logo
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
   Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
logo
Fairchild Semiconductor
FSA1156L6X FAIRCHILD-FSA1156L6X Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156L6X FAIRCHILD-FSA1156L6X Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
More results

Similar Description - FSA1156

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com