Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70751 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS70751
Description  Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS70751 Datasheet HTML 3Page - Texas Instruments TPS70751 Datasheet HTML 4Page - Texas Instruments TPS70751 Datasheet HTML 5Page - Texas Instruments TPS70751 Datasheet HTML 6Page - Texas Instruments TPS70751 Datasheet HTML 7Page - Texas Instruments TPS70751 Datasheet HTML 8Page - Texas Instruments TPS70751 Datasheet HTML 9Page - Texas Instruments TPS70751 Datasheet HTML 10Page - Texas Instruments TPS70751 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
www.ti.com
DEVICE INFORMATION
UVLO1
Comp
+
-
+
-
+
-
+
-
Thermal
Shutdown
2.5V
+
-
Current
Sense
Reference
Vref
Vref
ENA_1
FB1
ENA_1
FallingEdge
Delay
0.95xVref
FB2
Current
Sense
+
-
ENA_2
ENA_2
Vref
VIN1 (2Pins)
GND
EN
VIN2 (2Pins)
SEQ
(seeNoteB)
PG1
MR2
RESET
VIN1
MR1
VIN1
RisingEdge
Deglitch
Reset
Comp
VOUT2 (2Pins)
FallingEdge
Deglitch
0.83 x Vref
FB2
V
UVComp
OUT2
FallingEdge
Deglitch
0.83 x Vref
FB1
V
UVComp
OUT1
Power
Sequence
Logic
ENA_1
ENA_2
VIN1
10kW
VSENSE1
(seeNoteA)
V
(2Pins)
OUT1
VSENSE2
(seeNoteA)
10kW
0.95xVref
FB1
RisingEdge
Deglitch
PG
Comp
+
-
TPS70745, TPS70748
TPS70751, TPS70758
TPS70702
SLVS291D – MAY 2000 – REVISED DECEMBER 2007
Fixed Voltage Version
A.
For most applications, VSENSE1 and VSENSE2 should be externally connected to VOUT as close as possible to the
device. For other implementations, refer to SENSE terminal connection discussion in the Application Information
section.
B.
If the SEQ terminal is floating at the input, VOUT2 powers up first.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS70751

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70751 TI-TPS70751 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70751-EP TI1-TPS70751-EP Datasheet
988Kb / 41P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
TPS70751-EP TI-TPS70751-EP_15 Datasheet
889Kb / 42P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
TPS70751MPWPREP TI1-TPS70751MPWPREP Datasheet
988Kb / 41P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
TPS70751PWP TI-TPS70751PWP Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
More results

Similar Description - TPS70751

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS701XX TI1-TPS701XX Datasheet
563Kb / 34P
[Old version datasheet]   Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70345-EP TI1-TPS70345-EP Datasheet
937Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358M TI1-TPS70358M Datasheet
837Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com