Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71025 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS71025
Description  LOW-DROPOUT VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71025 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS71025_16 Datasheet HTML 5Page - Texas Instruments TPS71025_16 Datasheet HTML 6Page - Texas Instruments TPS71025_16 Datasheet HTML 7Page - Texas Instruments TPS71025_16 Datasheet HTML 8Page - Texas Instruments TPS71025_16 Datasheet HTML 9Page - Texas Instruments TPS71025_16 Datasheet HTML 10Page - Texas Instruments TPS71025_16 Datasheet HTML 11Page - Texas Instruments TPS71025_16 Datasheet HTML 12Page - Texas Instruments TPS71025_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TPS71025
LOW-DROPOUT VOLTAGE REGULATOR
SLVS162A – MAY 1997 – REVISED MAY 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
1
0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
10
100
Added Ceramic Capacitance –
µF
Region of Instability
Region of Instability
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE
vs
ADDED CERAMIC CAPACITANCE
VI = 3.5 V
No Input Capacitance
IO= 500 mA
Co = 4.7 µF
TA = 25°C
Figure 10
1
0.1
0
50
100 150 200 250 300
TYPICAL REGIONS OF STABILITY †
COMPENSATION SERIES RESISTANCE
vs
OUTPUT CURRENT
350 400 450 500
10
100
IO – Output Current – mA
Region of Instability
VI = 3.5 V
No Input Capacitance
Co = 10 µF
No Ceramic Capacitance
TA = 25°C
Figure 11
1
0.1
0
50
100 150 200 250 300
TYPICAL REGIONS OF STABILITY†
COMPENSATION SERIES RESISTANCE
vs
OUTPUT CURRENT
350 400 450 500
10
100
IO – Output Current – mA
Region of Instability
VI = 3.5 V
No Input Capacitance
Co = 10 µF + 0.5 µF of
Added Ceramic Capacitance
TA = 25°C
Figure 12
1
0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
TYPICAL REGIONS OF STABILITY †
COMPENSATION SERIES RESISTANCE
vs
ADDED CERAMIC CAPACITANCE
0.7
0.8
0.9
1
10
100
Added Ceramic Capacitance –
µF
Region of Instability
VI = 3.5 V
No Input Capacitance
Co = 10 µF
IO = 100 mA
TA = 25°C
Figure 13
† CSR values below 0.1
Ω are not recommended.


Similar Part No. - TPS71025_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71025 TI-TPS71025_15 Datasheet
632Kb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TPS71025_16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com