Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71025DG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS71025DG4
Description  LOW-DROPOUT VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71025DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS71025DG4 Datasheet HTML 2Page - Texas Instruments TPS71025DG4 Datasheet HTML 3Page - Texas Instruments TPS71025DG4 Datasheet HTML 4Page - Texas Instruments TPS71025DG4 Datasheet HTML 5Page - Texas Instruments TPS71025DG4 Datasheet HTML 6Page - Texas Instruments TPS71025DG4 Datasheet HTML 7Page - Texas Instruments TPS71025DG4 Datasheet HTML 8Page - Texas Instruments TPS71025DG4 Datasheet HTML 9Page - Texas Instruments TPS71025DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TPS71025
LOW-DROPOUT VOLTAGE REGULATOR
SLVS162A – MAY 1997 – REVISED MAY 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TJ = 25°C, VI(IN) = 3.5 V, IO = 10 mA, EN = 0 V, Co = 4.7 µF/CSR= 1 Ω,
SENSE shorted to OUT (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TPS71025Y
UNIT
PARAMETER
TEST CONDITIONS‡
MIN
TYP
MAX
UNIT
Output voltage
3.5 V
≤ VI ≤ 10 V
2.5
V
IO = 10 mA,
VI = 2.45 V
5.7
Dropout voltage
IO = 100 mA,
VI = 2.45 V
57
mV
IO = 500 mA,
VI = 2.45 V
330
Pass-element series resistance
0.66
Input regulation
VI = 3.5 V to 10 V
7
mV
Output regulation
IO = 5 mA to 500 mA
18
mV
Output regulation
IO = 50 µA to 500 mA
24
mV
Ripple rejection
f = 120 Hz,
IO = 50 µA
53
dB
Ripple rejection
f = 120 Hz,
IO = 500 mA
51
dB
Output noise-spectral density
f = 120 Hz
2
µV/√Hz
10 H
≤ f ≤ 100 kH
Co = 4.7 µF
274
Output noise voltage
10 Hz
≤ f ≤ 100 kHz,
CSR = 1
Co = 10 µF
228
µVrms
CSR = 1
Co = 100 µF
159
Quiescent current (active mode)
EN = 0 V,
0 mA
≤ IO ≤ 500 mA
292
µA
Supply current (standby mode)
EN = VI,
2.7 V
≤ VI ≤ 10 V
18
nA
Output current limit
VO = 0,
VI = 10 V
1.07
A
Pass-element leakage current in standby mode
EN = VI,
2.7 V
≤ VI ≤ 10 V
0.223
µA
Output voltage temperature coefficient
61
ppm/
°C
Thermal shutdown junction temperature
165
°C
Logic high inp t oltage (standb mode) EN
2.5 V
≤ VI ≤ 6 V
2
V
Logic high input voltage (standby mode), EN
6 V
≤ VI ≤ 10 V
2.7
V
Logic low input voltage (active mode), EN
2.7 V
≤ VI ≤ 10 V
0.5
V
Hysteresis voltage, EN
50
mV
Input current, EN
0 V
≤ VI ≤ 10 V
0
µA
Input voltage, minimum for active pass element
2
V
† CSR (compensation series resistance) refers to the total series resistance, including the equivalent series resistance (ESR) of the capacitor ,
any series resistance added externally, and PWB trace resistance to Co.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.


Similar Part No. - TPS71025DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71025D TI-TPS71025D Datasheet
308Kb / 20P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TPS71025DG4

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com