Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72118 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS72118
Description  LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72118 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS72118 Datasheet HTML 4Page - Texas Instruments TPS72118 Datasheet HTML 5Page - Texas Instruments TPS72118 Datasheet HTML 6Page - Texas Instruments TPS72118 Datasheet HTML 7Page - Texas Instruments TPS72118 Datasheet HTML 8Page - Texas Instruments TPS72118 Datasheet HTML 9Page - Texas Instruments TPS72118 Datasheet HTML 10Page - Texas Instruments TPS72118 Datasheet HTML 11Page - Texas Instruments TPS72118 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
TPS72115
1.8 V
1.5 V
Boost Converter
3.3 V
1.8 V – 3 V
VIO
VCORE
DSP or
Controller
Two AAA
Batteries
EXTERNAL CAPACITOR REQUIREMENTS
POWER DISSIPATION AND JUNCTION TEMPERATURE
P
D(max) +
T
J
max * TA
R
q
JA
(1)
P
D +
V
I *
V
O
I
O
(2)
PROGRAMMING THE TPS72101 ADJUSTABLE LDO REGULATOR
V
O +
V
ref
1 )
R1
R2
(3)
TPS72101
,, TPS72115
TPS72116, TPS72118
SLVS352C – DECEMBER 2001 – REVISED MARCH 2006
APPLICATION INFORMATION (continued)
Figure 19. Dual Supply Application Circuit
A 0.1-µF ceramic bypass capacitor is required on both the input and output for stability. Larger capacitors
improve transient response, noise rejection, and ripple rejection. A higher value electrolytic input capacitor may
be necessary if large, fast rise time load transient are anticipated, and/or there is significant input resistance from
the device to the input power supply.
Specified regulator operation is assured to a junction temperature of 125°C; the maximum junction temperature
allowable without damaging the device is 150°C. This restriction limits the power dissipation the regulator can
handle in any given application. To ensure the junction temperature is within acceptable limits, calculate the
maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than or equal to
PD(max).
The maximum-power-dissipation limit is determined using Equation 1 :
Where:
• T
Jmax is the maximum allowable junction temperature.
• Rθ
JA is the thermal resistance junction-to-ambient for the package; see the package dissipation rating table.
• T
A is the ambient temperature.
The regulator dissipation is calculated using Equation 2:
Power dissipation resulting from quiescent current is negligible.
The output voltage of the TPS72101 adjustable regulator is programmed using an external resistor divider as
shown in Figure 20. The output voltage is calculated using Equation 3:
Where:
• V
ref = 1.225 V typ (the internal reference voltage)
8
Submit Documentation Feedback


Similar Part No. - TPS72118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72118 TI-TPS72118 Datasheet
203Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118 TI-TPS72118 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
TPS72118DBVR TI-TPS72118DBVR Datasheet
203Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118DBVR TI-TPS72118DBVR Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS72118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS721 TI-TPS721_15 Datasheet
762Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101_07 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101 Datasheet
203Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72201 TI-TPS72201 Datasheet
119Kb / 11P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72218DBVRG4 TI-TPS72218DBVRG4 Datasheet
741Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS722 TI-TPS722 Datasheet
756Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com