Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70702PWPRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS70702PWPRG4
Description  Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70702PWPRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS70702PWPRG4 Datasheet HTML 1Page - Texas Instruments TPS70702PWPRG4 Datasheet HTML 2Page - Texas Instruments TPS70702PWPRG4 Datasheet HTML 3Page - Texas Instruments TPS70702PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS70702PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS70702PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS70702PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS70702PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS70702PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
www.ti.com
TPS70745, TPS70748
TPS70751, TPS70758
TPS70702
SLVS291D – MAY 2000 – REVISED DECEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating junction temperature range (TJ = –40°C to +125°C), VIN1 or VIN2 = VOUT(nom) + 1V, IO = 1mA,
EN = 0V, and CO = 33µF (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESET Terminal
Minimum input voltage for valid RESET
IRESET = 300µA,
V(RESET) ≤ 0.8V
1.0
1.3
V
Trip threshold voltage
VO decreasing
92%
95%
98%
VOUT
Hysteresis voltage
Measured at VO
0.5%
VOUT
t(RESET)
RESET pulse duration
80
120
160
ms
tr(RESET)
Rising edge deglitch
30
µs
Output low voltage
VI = 3.5V,
IO(RESET) = 1mA
0.15
0.4
V
Leakage current
V(RESET) = 6V
1
µA
PG1 Terminal
Minimum input voltage for valid PG1
I(PG1) = 300µA,
V(PG1) ≤ 0.8V
1.0
1.3
V
Trip threshold voltage
VO decreasing
92%
95%
98%
VOUT
Hysteresis voltage
Measured at VO
0.5%
VOUT
tf(PG1)
Falling edge deglitch
30
µs
Output low voltage
VI = 2.7V,
IO(PG1) = 1mA
0.15
0.4
V
Leakage current
V(PG1) = 6V
1
µA
EN Terminal
High level EN input voltage
2
V
Low level EN input voltage
0.7
V
Input current (EN)
–1
1
µA
SEQ Terminal
High level SEQ input voltage
2
V
Low level SEQ input voltage
0.7
V
Falling edge delay
Measured at VO
140
µs
SEQ pull-up current source
6
µA
MR1 / MR2 Terminals
High level input voltage
2
V
Low level input voltage
0.7
V
Pull-up current source
6
µA
VOUT2 Terminal
VOUT2 UV comparator: Positive-going
input threshold voltage of VOUT2 UV
80% VO
83% VO
86% VO
V
comparator
VOUT2 UV comparator: Falling edge
VSENSE_2 decreasing below threshold
140
µs
deglitch
Peak output current
2ms pulse width
375
mA
Discharge transistor current
VOUT2 = 1.5V
7.5
mA
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS70702PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70702PWP TI-TPS70702PWP Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
More results

Similar Description - TPS70702PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS701XX TI1-TPS701XX Datasheet
563Kb / 34P
[Old version datasheet]   Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70345-EP TI1-TPS70345-EP Datasheet
937Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358M TI1-TPS70358M Datasheet
837Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com