Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72301DBVTG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72301DBVTG4
Description  200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72301DBVTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS72301DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS72301DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS72301DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS72301DBVTG4 Datasheet HTML 10Page - Texas Instruments TPS72301DBVTG4 Datasheet HTML 11Page - Texas Instruments TPS72301DBVTG4 Datasheet HTML 12Page - Texas Instruments TPS72301DBVTG4 Datasheet HTML 13Page - Texas Instruments TPS72301DBVTG4 Datasheet HTML 14Page - Texas Instruments TPS72301DBVTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TPS72325
OUT
IN
EN
CurrentLimit
/Thermal
Protection
NR
V
REF
1.186V
5pF
R1
R1+R2=97kW
R2
100kW
GND
TPS72301
OUT
IN
EN
CurrentLimit
/Thermal
Protection
FB
V
REF
1.186V
5pF
R1
R1+R2
100k
@
W
R2
100kW
GND
TPS72301, TPS72325
www.ti.com
SLVS346C – SEPTEMBER 2003 – REVISED SEPTEMBER 2014
7 Detailed Description
7.1 Overview
The TPS723xx is a low-dropout, negative linear voltage regulator with a rated current of 200 mA. It is offered in
trimmed output voltages between –1.5 V and –5.2 V and as an adjustable regulator from –1.2 V to –10 V. It
features very low noise and high power-supply rejection ratio (PSRR), making it ideal for high-sensitivity analog
and RF applications. A shutdown mode is available, reducing ground current to 2
μA maximum over temperature
and process.
7.2 Functional Block Diagrams
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS72301 TPS72325


Similar Part No. - TPS72301DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301DBVTG4 TI1-TPS72301DBVTG4 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
More results

Similar Description - TPS72301DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301-Q1 TI1-TPS72301-Q1 Datasheet
569Kb / 16P
[Old version datasheet]   200 mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301 TI-TPS72301 Datasheet
192Kb / 10P
[Old version datasheet]   200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS
TPS72301-Q1 TI1-TPS72301-Q1_16 Datasheet
1Mb / 16P
[Old version datasheet]   200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com