Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72118DBVRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS72118DBVRG4
Description  LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72118DBVRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS72118DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS72118DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS72118DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS72118DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS72118DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS72118DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS72118DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS72118DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS72118DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
TPS72101
OUT
IN
FB
GND
EN
Current Limit /
Thermal
Protection
VREF
1.225V
TPS72115/16/18
OUT
IN
GND
EN
Current Limit /
Thermal
Protection
NC(A)
VREF
1.225V
TPS72101
,, TPS72115
TPS72116, TPS72118
SLVS352C – DECEMBER 2001 – REVISED MARCH 2006
Figure 1. FUNCTIONAL BLOCK DIAGRAM—ADJUSTABLE VERSION
A.
This pin must be left floating and not connected to GND.
Figure 2. FUNCTIONAL BLOCK DIAGRAM—FIXED VERSION
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
GND
2
Ground
EN
3
Enable input
IN
1
Input supply voltage
NC/FB
4
NC = Not connected (see (A)); FB = Feedback (adjustable option TPS72101)
OUT
5
Regulated output voltage
4
Submit Documentation Feedback


Similar Part No. - TPS72118DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72118DBVRG4 TI-TPS72118DBVRG4 Datasheet
203Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118DBVRG4 TI-TPS72118DBVRG4 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS72118DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS721 TI-TPS721_15 Datasheet
762Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101_07 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101 Datasheet
203Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72201 TI-TPS72201 Datasheet
119Kb / 11P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72218DBVRG4 TI-TPS72218DBVRG4 Datasheet
741Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS722 TI-TPS722 Datasheet
756Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com