Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72325-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS72325-Q1
Description  200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72325-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS72325-Q1 Datasheet HTML 1Page - Texas Instruments TPS72325-Q1 Datasheet HTML 2Page - Texas Instruments TPS72325-Q1 Datasheet HTML 3Page - Texas Instruments TPS72325-Q1 Datasheet HTML 4Page - Texas Instruments TPS72325-Q1 Datasheet HTML 5Page - Texas Instruments TPS72325-Q1 Datasheet HTML 6Page - Texas Instruments TPS72325-Q1 Datasheet HTML 7Page - Texas Instruments TPS72325-Q1 Datasheet HTML 8Page - Texas Instruments TPS72325-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS72301, TPS72325
www.ti.com
SLVS346C – SEPTEMBER 2003 – REVISED SEPTEMBER 2014
6.5 Electrical Characteristics
Over operating junction temperature range, VI = VO(NOM) – 0.5 V, IO = 1 mA, VEN = 1.5 V, CO = 2.2 μF, and CNR = 0.01 μF,
unless otherwise noted. Typical values are at TJ = 25°C.
TPS723xx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range(1)
–10
–2.7
V
VFB
Feedback reference voltage
TPS72301
TJ = 25°C
–1.210
–1.186
–1.162
V
Output voltage range
TPS72301
–10 + VDO
VFB
V
Nominal
TJ = 25°C
–1%
1%
TPS72325 vs
VO
–2%
±1%
2%
Accuracy
VI/IO/T
–10 V
≤ VI ≤ VO – 0.5 V,
10
μA ≤ IO ≤ 200 mA
TPS72301 vs
–3%
±1
3%
VI/IO/T
ΔVO(ΔVI)
Line regulation
–10 V
≤ VI ≤ VO(NOM) – 0.5 V
0.04
%/V
ΔVO(ΔIO)
Load regulation
0 mA
≤ IO ≤ 200 mA
0.002
%/mA
Dropout voltage at
VDO
TPS72325
IO = 200 mA
280
500
mV
VO = 0.96 × VO(NOM)
I(LIM)
Current limit
VO = 0.85 × VO(NOM)
300
550
800
mA
IO = 0 mA (IQ),
130
200
–10 V
≤ VI ≤ VO – 0.5 V
I(GND)
Ground pin current
μA
IO = 200 mA,
350
500
–10 V
≤ VI ≤ VO – 0.5 V
–0.4 V
≤ VEN ≤ 0.4 V,
I(SHDN)
Shutdown ground pin current
0.1
2.0
μA
–10 V
≤ VI ≤ VO – 0.5 V
I(FB)
Feedback pin current
–10 V
≤ VI ≤ VO – 0.5 V
0.05
1.0
μA
IO = 200 mA, 1 kHz,
65
CI = CO = 10 μF
PSRR
Power-supply rejection ratio
TPS72325
dB
IO = 200 mA, 10 kHz,
48
CI = CO = 10 μF
CO = 10 μF, 10 Hz to 100 kHz,
Vn
Output noise voltage
TPS72325
60
μVRMS
IO = 200 mA
VO = –2.5 V, CO = 1 μF,
tSTR
Startup time
1
ms
RL = 25 Ω
VEN(HI)
Enable threshold positive
1.5
V
VEN(LO)
Enable threshold negative
–1.5
V
VDIS(HI)
Disable threshold positive
0.4
V
VDIS(LO)
Disable threshold negative
–0.4
V
–10 V
≤ VI ≤ VO – 0.5 V,
I(EN)
Enable pin current
0.1
2.0
μA
–10 V
≤ VEN ≤ ±3.5 V
Shutdown, temperature increasing
165
Tsd
Thermal shutdown temperature
°C
Reset, temperature decreasing
145
TJ
Operating junction temperature
–40
125
°C
(1)
Maximum VI = (VO – VDO) or – 2.7 V, whichever is more negative.
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS72301 TPS72325


Similar Part No. - TPS72325-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72325-Q1 TI1-TPS72325-Q1 Datasheet
1Mb / 16P
[Old version datasheet]   200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
More results

Similar Description - TPS72325-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301-Q1 TI1-TPS72301-Q1 Datasheet
569Kb / 16P
[Old version datasheet]   200 mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301 TI-TPS72301 Datasheet
192Kb / 10P
[Old version datasheet]   200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS
TPS72301-Q1 TI1-TPS72301-Q1_16 Datasheet
1Mb / 16P
[Old version datasheet]   200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com