Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS731125-EP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS731125-EP
Description  CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS731125-EP Datasheet(HTML) 4 Page - Texas Instruments

  TPS731125-EP Datasheet HTML 1Page - Texas Instruments TPS731125-EP Datasheet HTML 2Page - Texas Instruments TPS731125-EP Datasheet HTML 3Page - Texas Instruments TPS731125-EP Datasheet HTML 4Page - Texas Instruments TPS731125-EP Datasheet HTML 5Page - Texas Instruments TPS731125-EP Datasheet HTML 6Page - Texas Instruments TPS731125-EP Datasheet HTML 7Page - Texas Instruments TPS731125-EP Datasheet HTML 8Page - Texas Instruments TPS731125-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS73101-EP
,, TPS73115-EP
TPS731125-EP, TPS73118-EP, TPS73125-EP, TPS73130-EP
TPS73132-EP, TPS73133-EP, TPS73150-EP
SGLS347A – JUNE 2006 – REVISED SEPTEMBER 2007
Over operating temperature range (TA = –55°C to +125°C), VIN = VOUT(nom) + 0.5 V
(1), I
OUT = 10 mA, VEN = 1.7 V, and
COUT = 0.1 μF, unless otherwise noted. Typical values are at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
1.7
5.5
V
VFB
Internal reference (TPS73101)
TA = 25°C
1.198
1.2
1.21
V
Output voltage range (TPS73101)
VFB
5.5 – VDO
V
Nominal
TA = 25°C
±0.5
%
VOUT
Accuracy(1)
VOUT + 0.5 V ≤ VIN ≤ 5.5 V,
VIN, IOUT, and T
–1
±0.5
+1
%
10 mA
≤ IOUT ≤ 150 mA
ΔVOUT%/ΔVIN
Line regulation(1)
VOUT(nom) + 0.5 V ≤ VIN ≤ 5.5 V
0.01
%/V
1 mA
≤ IOUT ≤ 150 mA
0.002
ΔVOUT%/ΔIOUT Load regulation
%/mA
10 mA
≤ IOUT ≤ 150 mA
0.0005
Dropout voltage(2)
VDO
IOUT = 150 mA
30
100
mV
(VIN = VOUT (nom) – 0.1 V)
ZO(DO)
Output impedance in dropout
1.7 V
≤ VIN ≤ VOUT + VDO
0.25
ICL
Output current limit
VOUT = 0.9 × VOUT(nom)
150
360
500
mA
ISC
Short-circuit current
VOUT = 0 V
200
mA
IREV
Reverse leakage current(3) (–IIN)
VEN ≤ 0.5 V, 0 V ≤ VIN ≤ VOUT
0.1
15
μA
IOUT = 10 mA (IQ)
400
550
IGND
Ground pin current
μA
IOUT = 150 mA
550
750
ISHDN
Shutdown current (IGND)
VEN ≤ 0.5 V, VOUT ≤ VIN ≤ 5.5
0.02
1
μA
IFB
FB pin current (TPS73101)
0.1
0.475
μA
f = 100 Hz, IOUT = 150 mA
58
Power-supply rejection ratio
PSRR
dB
(ripple rejection)
f = 10 kHz, IOUT = 150 mA
37
COUT = 10 μF, No CNR
27
× V
OUT
Output noise voltage
VN
μVRMS
BW = 10 Hz to 100 kHz
COUT = 10 μF, CNR = 0.01 μF
8.5
× V
OUT
VOUT = 3 V, RL = 30Ω
tSTR
Startup time
600
μs
COUT = 1 μF, CNR = 0.01 μF
VEN(HI)
Enable high (enabled)
1.7
VIN
V
VEN(LO)
Enable low (shutdown)
0
0.5
V
IEN(HI)
Enable pin current (enabled)
VEN = 5.5 V
0.02
0.1
μA
Shutdown, Temperature increasing
160
TSD
Thermal shutdown temperature
°C
Reset, Temperature decreasing
140
TA
Operating ambient temperature
–55
125
°C
(1)
Minimum VIN = VOUT + VDO or 1.7 V, whichever is greater.
(2)
VDO is not measured for the TPS73115 (VO(nom) = 1.5 V) and TPS731125 (VO(nom) = 1.25 V) since minimum VIN = 1.7 V.
(3)
Fixed-voltage versions only; see the Applications Infomation section for more information.
4
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS73101-EP TPS73115-EP TPS731125-EP TPS73118-EP TPS73125-EP TPS73130-EP
TPS73132-EP TPS73133-EP TPS73150-EP


Similar Part No. - TPS731125-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS731125DBVR TI-TPS731125DBVR Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731125DBVR TI1-TPS731125DBVR Datasheet
1Mb / 30P
[Old version datasheet]   Low Dropout Regulator
TPS731125DBVRG4 TI-TPS731125DBVRG4 Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731125DBVT TI-TPS731125DBVT Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731125DBVT TI1-TPS731125DBVT Datasheet
1Mb / 30P
[Old version datasheet]   Low Dropout Regulator
More results

Similar Description - TPS731125-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73101-EP TI1-TPS73101-EP Datasheet
623Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73250-Q1 TI1-TPS73250-Q1 Datasheet
732Kb / 20P
[Old version datasheet]   Cap-Free, NMOS, 250-mA Low-Dropout Regulator with Reverse Current Protection
TPS732-Q1 TI1-TPS732-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP Datasheet
567Kb / 21P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-Q1 TI1-TPS73201-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW-DROPOUT REGULATOR WITH REVERSE-CURRENT PROTECTION
TPS736 TI-TPS736_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS736xx Cap-Free, NMOS, 400-mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com