Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73630MDBVREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73630MDBVREP
Description  CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73630MDBVREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS73630MDBVREP Datasheet HTML 7Page - Texas Instruments TPS73630MDBVREP Datasheet HTML 8Page - Texas Instruments TPS73630MDBVREP Datasheet HTML 9Page - Texas Instruments TPS73630MDBVREP Datasheet HTML 10Page - Texas Instruments TPS73630MDBVREP Datasheet HTML 11Page - Texas Instruments TPS73630MDBVREP Datasheet HTML 12Page - Texas Instruments TPS73630MDBVREP Datasheet HTML 13Page - Texas Instruments TPS73630MDBVREP Datasheet HTML 14Page - Texas Instruments TPS73630MDBVREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
160
140
120
100
80
60
40
20
0
−50
−25
0
25
50
75
100
125
Temperature (
°C)
60
55
50
45
40
35
30
25
20
C
FB (F)
10p
100p
1n
10n
VOUT = 2.5 V
COUT = 0 µF
R1 = 39.2 kΩ
10 Hz < Frequency < 100 kHz
COUT = 0 µF
COUT = 10 µF
10 mA
400 mA
VOUT
VOUT
IOUT
200 mV/div
200 mV/div
CFB = 10 nF
R1 = 39.2 kΩ
25
µs/div
COUT = 0 µF
COUT = 10 µF
4.5 V
3.5 V
VOUT
VOUT
VIN
100 mV/div
100 mV/div
VOUT = 2.5 V
CFB = 10 nF
5
µs/div
TPS73601-EP, TPS73615-EP, TPS73618-EP
TPS73625-EP, TPS73630-EP, TPS73632-EP, TPS73633-EP
www.ti.com .................................................................................................................................................. SGLS326C – APRIL 2006 – REVISED FEBRUARY 2009
TYPICAL CHARACTERISTICS (continued)
For all voltage versions, TJ = 25°C, VIN = VOUT(nom) + 0.5 V, IOUT = 10 mA, VEN = 1.7 V, and COUT = 0.1 µF
(unless otherwise noted)
TPS73601
TPS73601
RMS NOISE VOLTAGE vs CADJ
IFB vs TEMPERATURE
Figure 28.
Figure 29.
TPS73601
TPS73601
LOAD TRANSIENT, ADJUSTABLE VERSION
LINE TRANSIENT, ADJUSTABLE VERSION
Figure 30.
Figure 31.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS73601-EP TPS73615-EP TPS73618-EP TPS73625-EP TPS73630-EP TPS73632-EP
TPS73633-EP


Similar Part No. - TPS73630MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73630MDBVREP TI1-TPS73630MDBVREP Datasheet
1Mb / 27P
[Old version datasheet]   CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
More results

Similar Description - TPS73630MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601-EP TI1-TPS73601-EP Datasheet
1Mb / 27P
[Old version datasheet]   CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
TPS736 TI-TPS736_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS736xx Cap-Free, NMOS, 400-mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   TPS736xx-Q1, Cap-Free, NMOS, 400-mA Low-Dropout Regulator With Reverse Current Protection
TPS73250-Q1 TI1-TPS73250-Q1 Datasheet
732Kb / 20P
[Old version datasheet]   Cap-Free, NMOS, 250-mA Low-Dropout Regulator with Reverse Current Protection
TPS732-Q1 TI1-TPS732-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
TPS73101-EP TI1-TPS73101-EP Datasheet
623Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73101-EP TI1-TPS73101-EP_15 Datasheet
605Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP Datasheet
567Kb / 21P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com