Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73601MDRBREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601MDRBREP
Description  CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73601MDRBREP Datasheet(HTML) 5 Page - Texas Instruments

  TPS73601MDRBREP Datasheet HTML 1Page - Texas Instruments TPS73601MDRBREP Datasheet HTML 2Page - Texas Instruments TPS73601MDRBREP Datasheet HTML 3Page - Texas Instruments TPS73601MDRBREP Datasheet HTML 4Page - Texas Instruments TPS73601MDRBREP Datasheet HTML 5Page - Texas Instruments TPS73601MDRBREP Datasheet HTML 6Page - Texas Instruments TPS73601MDRBREP Datasheet HTML 7Page - Texas Instruments TPS73601MDRBREP Datasheet HTML 8Page - Texas Instruments TPS73601MDRBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ELECTRICAL CHARACTERISTICS
TPS73601-EP, TPS73615-EP, TPS73618-EP
TPS73625-EP, TPS73630-EP, TPS73632-EP, TPS73633-EP
www.ti.com .................................................................................................................................................. SGLS326C – APRIL 2006 – REVISED FEBRUARY 2009
over operating temperature range (TA = –55°C to 125°C), VIN = VOUT(nom) + 0.5 V
(1), I
OUT = 10 mA, VEN = 1.7 V, and
COUT = 0.1 µF (unless otherwise noted). Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1) (2)
1.7
5.5
V
VFB
Internal reference (TPS73601)
TJ = 25°C
1.198
1.2
1.21
V
Output voltage range
5.5 –
VFB
V
(TPS73601)
VDO
VOUT
Nominal
TJ = 25°C
–0.5%
0.5%
Accuracy(1)
Over VIN, IOUT,
VOUT + 0.5 V ≤ VIN ≤ 5.5 V,
–1%
±0.5%
1%
and T
10 mA
≤ IOUT ≤ 400 mA
ΔVOUT%/ΔVIN
Line regulation(1)
VO(nom) + 0.5 V ≤ VIN ≤ 5.5 V
0.01
%/V
1 mA
≤ IOUT ≤ 400 mA
0.002
ΔVOUT%/ΔIOUT Load regulation
%/mA
10 mA
≤ IOUT ≤ 400 mA
0.0005
Dropout voltage(3)
VDO
IOUT = 400 mA
75
200
mV
(VIN = VOUT(nom) – 0.1 V)
ZO(DO)
Output impedance in dropout
1.7 V
≤ VIN ≤ VOUT + VDO
0.25
ICL
Output current limit
VOUT = 0.9 × VOUT(nom)
400
650
800
mA
ISC
Short-circuit current
VOUT = 0 V
450
mA
IREV
Reverse leakage current(4) (–IIN)
VEN ≤ 0.5 V, 0 V ≤ VIN ≤ VOUT
0.1
15
µA
IOUT = 10 mA (IQ)
400
550
IGND
Ground-pin current
µA
IOUT = 400 mA
800
1000
ISHDN
Shutdown current (IGND)
VEN ≤ 0.5 V, VOUT ≤ VIN ≤ 5.5 V
0.02
1
µA
IFB
FB pin current (TPS73601)
0.1
0.45
µA
f = 100 Hz, IOUT = 400 mA
58
Power-supply rejection ratio
PSRR
dB
(ripple rejection)
f = 10 kHz, IOUT = 400 mA
37
COUT = 10 µF, No CNR
27 × VOUT
Output noise voltage
VN
µV
RMS
BW = 10 Hz to 100 kHz
COUT = 10 µF, CNR = 0.01 µF
8.5 × VOUT
VOUT = 3 V, RL = 30 Ω, COUT = 1 µF,
tSTR
Startup time
600
µs
CNR = 0.01 µF
VEN(HI)
Enable high (enabled)
1.7
VIN
V
VEN(LO)
Enable low (shutdown)
0
0.5
V
IEN(HI)
Enable pin current (enabled)
VEN = 5.5 V
0.02
0.1
µA
Shutdown, temperature increasing
160
TSD
Thermal shutdown temperature
°C
Reset, temperature decreasing
140
TA
Operating ambient temperature
-55
125
°C
(1)
Minimum VIN = VOUT + VDO or 1.7 V, whichever is greater.
(2)
For VOUT(nom) < 1.6 V, when VIN ≤ 1.6 V, the output locks to VIN and may result in a damaging over-voltage level on the output. To avoid
this situation, disable the device before powering down the VIN.
(3)
VDO is not measured for the TPS73615 (VOUT(nom) = 1.5 V) since minimum VIN = 1.7 V.
(4)
See the Applications section for more information.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS73601-EP TPS73615-EP TPS73618-EP TPS73625-EP TPS73630-EP TPS73632-EP
TPS73633-EP


Similar Part No. - TPS73601MDRBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601MDRBREP TI1-TPS73601MDRBREP Datasheet
1Mb / 27P
[Old version datasheet]   CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
More results

Similar Description - TPS73601MDRBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601-EP TI1-TPS73601-EP Datasheet
1Mb / 27P
[Old version datasheet]   CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
TPS736 TI-TPS736_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS736xx Cap-Free, NMOS, 400-mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   TPS736xx-Q1, Cap-Free, NMOS, 400-mA Low-Dropout Regulator With Reverse Current Protection
TPS73250-Q1 TI1-TPS73250-Q1 Datasheet
732Kb / 20P
[Old version datasheet]   Cap-Free, NMOS, 250-mA Low-Dropout Regulator with Reverse Current Protection
TPS732-Q1 TI1-TPS732-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
TPS73101-EP TI1-TPS73101-EP Datasheet
623Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73101-EP TI1-TPS73101-EP_15 Datasheet
605Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP Datasheet
567Kb / 21P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com