Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74401RGRR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74401RGRR
Description  3.0-A, Ultra-LDO with Programmable Soft-Start
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74401RGRR Datasheet(HTML) 4 Page - Texas Instruments

  TPS74401RGRR Datasheet HTML 1Page - Texas Instruments TPS74401RGRR Datasheet HTML 2Page - Texas Instruments TPS74401RGRR Datasheet HTML 3Page - Texas Instruments TPS74401RGRR Datasheet HTML 4Page - Texas Instruments TPS74401RGRR Datasheet HTML 5Page - Texas Instruments TPS74401RGRR Datasheet HTML 6Page - Texas Instruments TPS74401RGRR Datasheet HTML 7Page - Texas Instruments TPS74401RGRR Datasheet HTML 8Page - Texas Instruments TPS74401RGRR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
IN
IN
IN
PG
BIAS
OUT
OUT
OUT
NC
FB/SNS
TPS744xx
6
7
8
9
10
20
19
18
17
16
GND
OUT
GND BIAS
IN
FB/
SNS
SS
1
2
3 4
5 6
EN
7
TPS74401
SBVS066Q – DECEMBER 2005 – REVISED APRIL 2015
www.ti.com
5 Pin Configuration and Functions
RGW Package
KTW Package
5-mm × 5-mm VQFN-20
DDPAK-7
Top View
Surface-Mount
Pin Functions
PIN
I/O
DESCRIPTION
NAME
KTW
RGW
Bias input voltage for error amplifier, reference, and internal control circuits.
BIAS
6
10
I
A 1-µF or larger input capacitor is recommended for optimal performance.
If IN is connected to BIAS, use a 4.7 µF or larger capacitor.
Enable pin. Driving this pin high enables the regulator. Driving this pin low puts the
EN
7
11
I
regulator into shutdown mode. This pin must not be left floating.
This pin is the feedback connection to the center tap of an external resistor divider
FB
2
16
I
network that sets the output voltage. This pin must not be left floating.
(Adjustable version only.)
GND
4
12
Ground
Unregulated input to the device.
IN
5
5–8
I
An input capacitor of 1 µF or greater is recommended for optimal performance.
2–4, 13,
No connection. This pin can be left floating or connected to GND to allow better thermal
NC
N/A
O
14, 17
contact to the top-side plane.
Regulated output voltage. No capacitor is required on this pin for stability, but is
OUT
3
1, 18–20
O
recommended for optimal performance.
Must be soldered to the ground plane for increased thermal performance.
PAD/TAB
Internally connected to ground.
Power-good (PG) is an open-drain, active-high output that indicates the status of VOUT.
When VOUT exceeds the PG trip threshold, the PG pin goes into a high-impedance state.
When VOUT is below this threshold, the pin is driven to a low-impedance state. Connect
PG
N/A
9
O
a pullup resistor from 10 k
Ω to 1 MΩ from this pin to a supply up to 5.5 V. The supply
can be higher than the input voltage.
Alternatively, the PG pin can be left floating if output monitoring is not necessary.
This pin is the sense connection to the load device.
SNS
2
16
I
This pin must be connected to VOUT and must not be left floating. (Fixed versions only.)
Soft-start pin. A capacitor connected on this pin to ground sets the start-up time.
SS
1
15
If this pin is left floating, the regulator output soft-start ramp time is typically 100 µs.
4
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS74401


Similar Part No. - TPS74401RGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401RGWR TI-TPS74401RGWR Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
TPS74401RGWR TI-TPS74401RGWR Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401RGWRG4 TI-TPS74401RGWRG4 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
TPS74401RGWRG4 TI-TPS74401RGWRG4 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401RGWT TI-TPS74401RGWT Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
More results

Similar Description - TPS74401RGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
MM3479 MITSUMI-MM3479 Datasheet
185Kb / 20P
   1A LDO with soft-start
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com