Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74401RGRT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74401RGRT
Description  3.0-A, Ultra-LDO with Programmable Soft-Start
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74401RGRT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS74401RGRT Datasheet HTML 4Page - Texas Instruments TPS74401RGRT Datasheet HTML 5Page - Texas Instruments TPS74401RGRT Datasheet HTML 6Page - Texas Instruments TPS74401RGRT Datasheet HTML 7Page - Texas Instruments TPS74401RGRT Datasheet HTML 8Page - Texas Instruments TPS74401RGRT Datasheet HTML 9Page - Texas Instruments TPS74401RGRT Datasheet HTML 10Page - Texas Instruments TPS74401RGRT Datasheet HTML 11Page - Texas Instruments TPS74401RGRT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
300
250
200
150
100
50
0
0.9
1.4
1.9
2.4
2.9
3.4
V
V
-
BIAS
OUT (V)
3.9
+125 C
°
+25 C
°
-
°
40 C
I
=3.0A
OUT
200
180
160
140
120
100
80
60
40
20
0
0.9
1.4
1.9
2.4
2.9
3.4
V
V
-
BIAS
OUT (V)
3.9
+125 C
°
+25 C
°
-40°C
I
=1.5A
OUT
0.05
0.04
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
-0.04
-0.05
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
V
-
IN
OUT (V)
4.5
T = 40
-
°
J
C
T
J =+25°C
T
J =+125°C
0
500
1000
1500
2000
2500
Output Current (mA)
3000
200
150
100
50
0
+125 C
°
+25 C
°
-
°
40 C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-0.1
0
10
20
30
40
Output Current (mA)
50
+125 C
°
+25 C
°
-
°
40 C
Referred to I
= 50mA
OUT
0.050
0.025
0
-0.025
-0.050
-0.075
-0.100
-0.125
-0.150
50
500
1000
1500
2000
2500
Output Current (mA)
3000
+125 C
°
+25 C
°
-
°
40 C
Referred to I
= 50mA
OUT
TPS74401
SBVS066Q – DECEMBER 2005 – REVISED APRIL 2015
www.ti.com
6.7 Typical Characteristics
At TJ = 25°C, VOUT = 1.5 V, VIN = VOUT(nom) + 0.3 V, VBIAS = 3.3 V, IOUT = 50 mA, CIN = 1 μF, CBIAS = 1 μF, CSS = 0.01 μF, and
COUT = 10 μF, unless otherwise noted.
Figure 1. Load Regulation
Figure 2. Load Regulation
Figure 3. Line Regulation
Figure 4. VIN Dropout Voltage vs IOUT and Temperature (TJ)
Figure 5. VIN Dropout Voltage vs VBIAS – VOUT and
Figure 6. VIN Dropout Voltage vs VBIAS – VOUT and
Temperature (TJ)
Temperature (TJ)
8
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS74401


Similar Part No. - TPS74401RGRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401RGWR TI-TPS74401RGWR Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
TPS74401RGWR TI-TPS74401RGWR Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401RGWRG4 TI-TPS74401RGWRG4 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
TPS74401RGWRG4 TI-TPS74401RGWRG4 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401RGWT TI-TPS74401RGWT Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
More results

Similar Description - TPS74401RGRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
MM3479 MITSUMI-MM3479 Datasheet
185Kb / 20P
   1A LDO with soft-start
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com