Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74401RGWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74401RGWR
Description  3.0-A, Ultra-LDO with Programmable Soft-Start
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74401RGWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS74401RGWR Datasheet HTML 2Page - Texas Instruments TPS74401RGWR Datasheet HTML 3Page - Texas Instruments TPS74401RGWR Datasheet HTML 4Page - Texas Instruments TPS74401RGWR Datasheet HTML 5Page - Texas Instruments TPS74401RGWR Datasheet HTML 6Page - Texas Instruments TPS74401RGWR Datasheet HTML 7Page - Texas Instruments TPS74401RGWR Datasheet HTML 8Page - Texas Instruments TPS74401RGWR Datasheet HTML 9Page - Texas Instruments TPS74401RGWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TPS74401
SBVS066Q – DECEMBER 2005 – REVISED APRIL 2015
www.ti.com
6.4 Thermal Information
TPS74401(3)
THERMAL METRIC(1)(2)
RGW (VQFN)
KTW (DDPAK)
UNIT
20 PINS
7 PINS
RθJA
Junction-to-ambient thermal resistance
35.4
26.6
RθJC(top)
Junction-to-case (top) thermal resistance
32.4
41.7
RθJB
Junction-to-board thermal resistance
14.7
12.5
°C/W
ψJT
Junction-to-top characterization parameter
0.4
4.0
ψJB
Junction-to-board characterization parameter
14.8
7.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.9
0.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
(3)
Thermal data for the RGW and KTW packages are derived by thermal simulations based on JEDEC-standard methodology as specified
in the JESD51 series. The following assumptions are used in the simulations:
(a) i. RGW: The exposed pad is connected to the PCB ground layer through a 4x4 thermal via array.
- ii. KTW: The exposed pad is connected to the PCB ground layer through a 6x6 thermal via array.
(b) Each of top and bottom copper layers has a dedicated pattern for 20% copper coverage.
(c) These data were generated with only a single device at the center of a JEDEC high-K (2s2p) board with 3in × 3in copper area. To
understand the effects of the copper area on thermal performance, refer to the Thermal Considerations section.
6.5 Electrical Characteristics
At VEN = 1.1 V, VIN = VOUT + 0.3 V, CIN = CBIAS = 0.1 μF, COUT = 10 μF, IOUT = 50 mA, VBIAS = 5.0 V, and TJ = –40°C to 125°C,
unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
VOUT + VDO
5.5
V
VBIAS
Bias pin voltage range
2.375
5.25
V
Internal reference
VREF
TJ = 25°C
0.796
0.8
0.804
V
(adjustable version)
Output voltage range
VIN = 5 V, IOUT = 1.5 A, VBIAS = 5 V
VREF
3.6
V
2.97 V
≤ VBIAS ≤ 5.25 V, VOUT + 1.62 V ≤ VBIAS,
–1%
±0.2%
1%
VOUT
50 mA
≤ IOUT ≤ 3.0 A
(1)
Accuracy
VOUT + VDO BIAS ≤ VBIAS ≤ 5.25 V,
–1%
±0.2%
1%
100 mA
≤ IOUT ≤ I VDO BIAS , VQFN
(2)
VOUT(nom) + 0.3 ≤ VIN ≤ 5.5 V, VQFN
0.0005
0.05
%/V
ΔVOUT(ΔVIN)
Line regulation
VOUT(nom) + 0.3 ≤ VIN ≤ 5.5 V, DDPAK
0.0005
0.06
%/V
0 mA
≤ IOUT ≤ 50 mA
0.013
%/mA
ΔVOUT(ΔIOUT) Load regulation
50 mA
≤ IOUT ≤ 3.0 A
0.03
%/A
IOUT = 3.0 A, VBIAS – VOUT(nom) ≥ 1.62 V, VQFN
115
195
mV
VIN dropout voltage
(3)
IOUT = 3.0 A, VBIAS – VOUT(nom) ≥ 1.62 V, DDPAK
120
240
mV
IOUT = 3.0 A, VIN = VBIAS
1.62
V
VDO
IOUT = 3.0 A
1.62
V
VBIAS dropout voltage
(3)
IOUT = 1.0 A
1.35
V
IOUT = 500 mA
1.27
V
IOUT = 100 mA
1.16
V
VOUT = 80% × VOUT(nom), VQFN
3.8
6.0
A
ICL
Current limit
VOUT = 80% × VOUT(nom), DDPAK
3.5
6.0
A
IBIAS
Bias pin current
IOUT = 0 mA to 3.0 A
2
4
mA
ISHDN
Shutdown supply current (VIN)
VEN ≤ 0.4 V
1
100
μA
IFB, ISNS
Feedback, sense pin current(4)
IOUT = 50 mA to 3.0 A
–250
95
250
nA
(1)
Adjustable devices tested at 0.8 V; external resistor tolerance is not taken into account.
(2)
VOUT is set to 1.5 V to avoid minimum VBIAS restrictions.
(3)
Dropout is defined as the voltage from the input to VOUT when VOUT is 2% below nominal.
(4)
IFB, ISNS current flow is out of the device.
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS74401


Similar Part No. - TPS74401RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401RGWR TI-TPS74401RGWR Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
TPS74401RGWR TI-TPS74401RGWR Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401RGWRG4 TI-TPS74401RGWRG4 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
TPS74401RGWRG4 TI-TPS74401RGWRG4 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74401RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
MM3479 MITSUMI-MM3479 Datasheet
185Kb / 20P
   1A LDO with soft-start
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com