Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74401RGWRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74401RGWRG4
Description  3.0-A, Ultra-LDO with Programmable Soft-Start
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74401RGWRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS74401RGWRG4 Datasheet HTML 3Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 4Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 5Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 6Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 7Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 8Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 9Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 10Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
TPS74401
www.ti.com
SBVS066Q – DECEMBER 2005 – REVISED APRIL 2015
Electrical Characteristics (continued)
At VEN = 1.1 V, VIN = VOUT + 0.3 V, CIN = CBIAS = 0.1 μF, COUT = 10 μF, IOUT = 50 mA, VBIAS = 5.0 V, and TJ = –40°C to 125°C,
unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1 kHz, IOUT = 1.5 A, VIN = 1.8 V, VOUT = 1.5 V
73
dB
Power-supply rejection
(VIN to VOUT)
800 kHz, IOUT = 1.5 A, VIN = 1.8 V, VOUT = 1.5 V
42
dB
PSRR(5)
1 kHz, IOUT = 1.5 A, VIN = 1.8 V, VOUT = 1.5 V
62
dB
Power-supply rejection
(VBIAS to VOUT)
800 kHz, IOUT = 1.5 A, VIN = 1.8 V, VOUT = 1.5 V
50
dB
Vn
Output noise voltage
100 Hz to 100 kHz, IOUT = 1.5 A, CSS = 0.001 μF
16 × VOUT
μVRMS
%VOUT droop during load
VTRAN
IOUT = 100 mA to 3.0 A at 1 A/μs, COUT = 0 μF
4
%VOUT
transient
ISS
Soft-start charging current
VSS = 0.4 V
0.5
0.73
1
μA
VEN(high)
Enable input high level
1.1
5.5
V
VEN(low)
Enable input low level
0
0.4
V
VEN(hys)
Enable pin hysteresis
50
mV
IEN
Enable pin current
VEN = 5 V
0.1
1
μA
VIT
PG trip threshold
VOUT decreasing
86.5
90
93.5
%VOUT
VHYS
PG trip hysteresis
3
%VOUT
VPG(low)
PG output low voltage
IPG = 1 mA (sinking), VOUT < VIT
0.3
V
IPG(lkg)
PG leakage current
VPG = 5.25 V, VOUT > VIT
0.03
1
μA
TJ
Operating junction temperature
–40
125
°C
Shutdown, temperature increasing
155
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
140
°C
(5)
See Figure 8 to Figure 11 for PSRR at different conditions.
6.6 Timing Requirements
At VEN = 1.1 V, VIN = VOUT + 0.3 V, CIN = CBIAS = 0.1 μF, COUT = 10 μF, IOUT = 50 mA, VBIAS = 5.0 V, and TJ = –40°C to 125°C,
unless otherwise noted. Typical values are at TJ = 25°C.
MIN
NOM
MAX
UNIT
tSTR
Minimum startup time (IOUT = 1.5 A, CSS = open)
100
μs
VEN(dg)
Enable pin de-glitch time
20
μs
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS74401


Similar Part No. - TPS74401RGWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401RGWRG4 TI-TPS74401RGWRG4 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
TPS74401RGWRG4 TI-TPS74401RGWRG4 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74401RGWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
MM3479 MITSUMI-MM3479 Datasheet
185Kb / 20P
   1A LDO with soft-start
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com