Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75318 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS75318
Description  FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75318 Datasheet(HTML) 2 Page - Texas Instruments

  TPS75318 Datasheet HTML 1Page - Texas Instruments TPS75318 Datasheet HTML 2Page - Texas Instruments TPS75318 Datasheet HTML 3Page - Texas Instruments TPS75318 Datasheet HTML 4Page - Texas Instruments TPS75318 Datasheet HTML 5Page - Texas Instruments TPS75318 Datasheet HTML 6Page - Texas Instruments TPS75318 Datasheet HTML 7Page - Texas Instruments TPS75318 Datasheet HTML 8Page - Texas Instruments TPS75318 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS75101Q1, '75115Q1, '75118Q1, '75125Q1, '75133Q1 WITH POWER GOOD
TPS75301Q1, TPS75315Q1, TPS75318Q1, TPS75325Q1, TPS75333Q1 WITH RESET
FAST TRANSIENT RESPONSE 1.5A LOW DROPOUT VOLTAGE REGULATORS
SGLS159A − APRIL 2003 − REVISED APRIL 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The RESET (SVS, POR, or power on reset) output of the TPS753xxQ initiates a reset in microcomputer and
microprocessor systems in the event of an undervoltage condition. An internal comparator in the TPS753xxQ
monitors the output voltage of the regulator to detect an undervoltage condition on the regulated output voltage.
When the output reaches 95% of its regulated voltage, RESET goes to a high-impedance state after a 100-ms delay.
RESET goes to a logic-low state when the regulated output voltage is pulled below 95% (i.e., over load condition)
of its regulated voltage.
The TPS751xxQ or TPS753xxQ is offered in 1.5-V, 1.8-V, 2.5-V and 3.3-V fixed-voltage versions and in an
adjustable version (programmable over the range of 1.5 V to 5 V). Output voltage tolerance is specified as a
maximum of 2% over line, load, and temperature ranges. The TPS751xxQ and TPS753xxQ families are available
in 20-pin TSSOP (PWP) packages.
TJ − Junction Temperature − °C
−40
10
110
60
TPS75x33Q
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
300
160
250
200
150
100
50
0
IO = 0.5 A
IO = 1.5 A
t − Time − ms
TPS75x15Q
LOAD TRANSIENT RESPONSE
−100
0
03
2
14
5
7
68
9
10
0
50
−50
IL=1.5 A
CL=100 µF (Tantalum)
VO=1.5 V
−150
1.5
AVAILABLE OPTIONS†‡
TJ
OUTPUT VOLTAGE
TSSOP (PWP)
TJ
OUTPUT VOLTAGE
(TYP)
PG
RESET
3.3 V
TPS75133QPWPRQ1§
TPS75333QPWPRQ1
2.5 V
TPS75125QPWPRQ1§
TPS75325QPWPRQ1
−40
°C to 125°C
1.8 V
TPS75118QPWPRQ1§
TPS75318QPWPRQ1
−40 C to 125 C
1.5 V
TPS75115QPWPRQ1§
TPS75315QPWPRQ1
Adjustable 1.5 V to 5 V
TPS75101QPWPRQ1§
TPS75301QPWPRQ1
NOTE: The TPS75x01 is programmable using an external resistor divider (see application
information). R suffix indicates tape and reel.
† For the most current package and ordering information, see the Package Option Addendum at the
end of this document, or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
§ Product preview


Similar Part No. - TPS75318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75318 TI1-TPS75318 Datasheet
1Mb / 33P
[Old version datasheet]   FAMST-TRANSIENT-RESPONSE 1.5A LOW-DROPOUT VOLTAGE REGULATORS
TPS75318-EP TI1-TPS75318-EP Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75318-EP TI1-TPS75318-EP Datasheet
1Mb / 33P
[Old version datasheet]   FAMST-TRANSIENT-RESPONSE 1.5A LOW-DROPOUT VOLTAGE REGULATORS
TPS75318-Q1 TI1-TPS75318-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75318-Q1 TI1-TPS75318-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   FAMST-TRANSIENT-RESPONSE 1.5A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101Q TI-TPS75101Q Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com