Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75301-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75301-EP
Description  FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75301-EP Datasheet(HTML) 1 Page - Texas Instruments

  TPS75301-EP Datasheet HTML 1Page - Texas Instruments TPS75301-EP Datasheet HTML 2Page - Texas Instruments TPS75301-EP Datasheet HTML 3Page - Texas Instruments TPS75301-EP Datasheet HTML 4Page - Texas Instruments TPS75301-EP Datasheet HTML 5Page - Texas Instruments TPS75301-EP Datasheet HTML 6Page - Texas Instruments TPS75301-EP Datasheet HTML 7Page - Texas Instruments TPS75301-EP Datasheet HTML 8Page - Texas Instruments TPS75301-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TPS75101Q1, '75115Q1, '75118Q1, '75125Q1, '75133Q1 WITH POWER GOOD
TPS75301Q1, TPS75315Q1, TPS75318Q1, TPS75325Q1, TPS75333Q1 WITH RESET
FAST TRANSIENT RESPONSE 1.5A LOW DROPOUT VOLTAGE REGULATORS
SGLS159A − APRIL 2003 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D 1.5-A Low-Dropout Voltage Regulator
D Available in 1.5-V, 1.8-V, 2.5-V, 3.3-V, Fixed
Output and Adjustable Versions
D Open Drain Power-Good (PG) Status
Output (TPS751xxQ)
D Open Drain Power-On Reset With 100-ms
Delay (TPS753xxQ)
D Dropout Voltage Typically 160 mV at 1.5 A
(TPS75133Q)
D Ultralow 75 µA Typical Quiescent Current
D Fast Transient Response
D 2% Tolerance Over Specified Conditions
For Fixed-Output Versions
D 20-Pin TSSOP (PWP) PowerPAD Package
D Thermal Shutdown Protection
description
The TPS753xxQ and TPS751xxQ are low dropout regulators with integrated power-on reset and power-good (PG)
functions respectively. These devices are capable of supplying 1.5 A of output current with a dropout of 160 mV
(TPS75133Q, TPS75333Q). Quiescent current is 75
µA at full load and drops down to 1 µA when the device is
disabled. TPS751xxQ and TPS753xxQ are designed to have fast transient response for larger load current
changes.
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 160 mV at an
output current of 1.5 A for the TPS75x33Q) and is directly proportional to the output current. Additionally, since the
PMOS pass element is a voltage-driven device, the quiescent current is very low and independent of output loading
(typically 75
µA over the full range of output current, 1 mA to 1.5 A). These two key specifications yield a significant
improvement in operating life for battery-powered systems.
The device is enabled when EN is connected to a low level voltage. This LDO family also features a sleep mode;
applying a TTL high signal to EN (enable) shuts down the regulator, reducing the quiescent current to less than 1
µA at TJ = 25°C.
For the TPS751xxQ, the power-good terminal (PG) is an active high, open drain output, which can be used to
implement a power-on reset or a low-battery indicator.
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PWP PACKAGE
(TOP VIEW)
GND/HEATSINK
NC
IN
IN
EN
PG or RESET
FB/SENSE
OUTPUT
OUTPUT
GND/HEATSINK
GND/HEATSINK
NC
NC
GND
NC
NC
NC
NC
NC
GND/HEATSINK
NC − No internal connection
† PG is on the TPS751xx and RESET is on the TPS753xx


Similar Part No. - TPS75301-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-EP TI1-TPS75301-EP Datasheet
1Mb / 33P
[Old version datasheet]   FAMST-TRANSIENT-RESPONSE 1.5A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75301-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101Q TI-TPS75101Q Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com