Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75218-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75218-EP
Description  POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75218-EP Datasheet(HTML) 1 Page - Texas Instruments

  TPS75218-EP Datasheet HTML 1Page - Texas Instruments TPS75218-EP Datasheet HTML 2Page - Texas Instruments TPS75218-EP Datasheet HTML 3Page - Texas Instruments TPS75218-EP Datasheet HTML 4Page - Texas Instruments TPS75218-EP Datasheet HTML 5Page - Texas Instruments TPS75218-EP Datasheet HTML 6Page - Texas Instruments TPS75218-EP Datasheet HTML 7Page - Texas Instruments TPS75218-EP Datasheet HTML 8Page - Texas Instruments TPS75218-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
TPS75201Q1, '75215Q1, '75218Q1, '75225Q1, '75233Q1 WITH RESET
TPS75401Q1, '75415Q1, '75418Q1, '75425Q1, '75433Q1 WITH POWER GOOD
FAST TRANSIENT RESPONSE 2A LOW DROPOUT VOLTAGE REGULATORS
SGLS166C − APRIL 2003 – REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D 2-A Low-Dropout Voltage Regulator
D Available in 1.5-V, 1.8-V, 2.5-V, 3.3-V Fixed
Output and Adjustable Versions
D Open Drain Power-On Reset With 100-ms
Delay (TPS752xx)
D Open Drain Power-Good (PG) Status
Output (TPS754xx)
D Dropout Voltage Typically 210 mV at 2 A
(TPS75233)
D Ultralow 75-µA Typical Quiescent Current
D Fast Transient Response
D 2% Tolerance Over Specified Conditions
for Fixed-Output Versions
D 20-Pin TSSOP (PWP) PowerPAD Package
D Thermal Shutdown Protection
description
The TPS752xx and TPS754xx are low-dropout regulators with integrated power-on reset and power good (PG)
functions, respectively. These devices are capable of supplying 2 A of output current with a dropout of 210 mV
(TPS75233, TPS75433). Quiescent current is 75
µA at full load and drops down to 1 µA when the device is disabled.
TPS752xx and TPS754xx are designed to have fast transient response for larger load current changes.
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 210 mV at an
output current of 2 A for the TPS75x33) and is directly proportional to the output current. Additionally, since the
PMOS pass element is a voltage-driven device, the quiescent current is very low and independent of output loading
(typically 75
µA over the full range of output current, 1 mA to 2 A). These two key specifications yield a significant
improvement in operating life for battery-powered systems.
The device is enabled when the EN pin is connected to a low-level input voltage. This LDO family also features a
sleep mode; applying a TTL high signal to EN (enable) shuts down the regulator, reducing the quiescent current
to 1
µA at TJ = 25°C.
The RESET (SVS, POR, or power on reset) output of the TPS752xx initiates a reset in microcomputer and
microprocessor systems in the event of an undervoltage condition. An internal comparator in the TPS752xx
monitors the output voltage of the regulator to detect an undervoltage condition on the regulated output voltage.
When the output reaches 95% of its regulated voltage, RESET goes to a high-impedance state after a 100-ms delay.
RESET goes to a logic-low state when the regulated output voltage is pulled below 95% (i.e., over load condition)
of its regulated voltage.
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD is a trademark of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PWP PACKAGE
(TOP VIEW)
GND/HEATSINK
NC
IN
IN
EN
RESETor PG
FB/SENSE
OUTPUT
OUTPUT
GND/HEATSINK
GND/HEATSINK
NC
NC
GND
NC
NC
NC
NC
NC
GND/HEATSINK
NC − No internal connection
‡ PG is on the TPS754xx and RESET is on the TPS752xx


Similar Part No. - TPS75218-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75218-EP TI-TPS75218-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75218-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75925 TI1-TPS75925_13 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KTT TI-TPS75933KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI1-TPS75901_16 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201Q TI-TPS75201Q Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com