Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75515KTTTG3 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS75515KTTTG3
Description  FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75515KTTTG3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS75515KTTTG3 Datasheet HTML 5Page - Texas Instruments TPS75515KTTTG3 Datasheet HTML 6Page - Texas Instruments TPS75515KTTTG3 Datasheet HTML 7Page - Texas Instruments TPS75515KTTTG3 Datasheet HTML 8Page - Texas Instruments TPS75515KTTTG3 Datasheet HTML 9Page - Texas Instruments TPS75515KTTTG3 Datasheet HTML 10Page - Texas Instruments TPS75515KTTTG3 Datasheet HTML 11Page - Texas Instruments TPS75515KTTTG3 Datasheet HTML 12Page - Texas Instruments TPS75515KTTTG3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TPS75515, TPS75518, TPS75525, TPS75533 WITH POWER GOOD AND
TPS75501 FAST TRANSIENT RESPONSE 5A LOW DROPOUT
VOLTAGE REGULATORS
SLVS293D − NOVEMBER 2000 − REVISED MAY 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
75
100
125
150
−40 −25 −10
5
20
35
50
65
80
95 110 125
TJ − Junction Temperature − °C
TPS755xx
GROUND CURRENT
vs
JUNCTION TEMPERATURE
VI = 5 V
IO = 5 A
POWER SUPPLY RIPPLE REJECTION
vs
FREQUENCY
TPS75733
100k
10k
f − Frequency − Hz
70
60
50
40
30
20
10
0
90
80
1k
100
10
1M
IO = 1 mA
IO = 5 A
10M
Figure 7
VI = 4.3 V
Co = 100 µF
TJ = 25°C
Figure 8
0
0.5
1
1.5
2
2.5
IO = 5 A
IO = 1 mA
f − Frequency − Hz
10
10
100
1k
10k
100k
VI = 4.3 V
VO = 3.3 V
Co = 100 µF
TJ = 25°C
TPS75533
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
Figure 9
TPS75533
OUTPUT IMPEDANCE
vs
FREQUENCY
f − Frequency − Hz
10
100
100k
1M
0.001
10k
1k
10M
1
100
IO = 1 mA
0.01
0.1
10
IO = 5 A
VI = 4.3 V
Co = 100 µF
TJ = 25°C


Similar Part No. - TPS75515KTTTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75515KTTTG3 TI1-TPS75515KTTTG3 Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75515KTTTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI-TPS75515 Datasheet
373Kb / 23P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75525 TI-TPS75525 Datasheet
370Kb / 27P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KTTTG3 TI1-TPS75618KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601 TI1-TPS75601 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515KTTT TI1-TPS75515KTTT Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625 TI-TPS75625 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com