Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5362IU Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5362IU
Description  300MHz Low Power Current Feedback Amplifiers with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5362IU Datasheet(HTML) 4 Page - Intersil Corporation

  EL5362IU Datasheet HTML 1Page - Intersil Corporation EL5362IU Datasheet HTML 2Page - Intersil Corporation EL5362IU Datasheet HTML 3Page - Intersil Corporation EL5362IU Datasheet HTML 4Page - Intersil Corporation EL5362IU Datasheet HTML 5Page - Intersil Corporation EL5362IU Datasheet HTML 6Page - Intersil Corporation EL5362IU Datasheet HTML 7Page - Intersil Corporation EL5362IU Datasheet HTML 8Page - Intersil Corporation EL5362IU Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN7388.7
September 8, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . 13.2V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Slewrate of VS+ to VS-. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Maximum Voltage between IN+ and IN-, disabled. . . . . . . . . . ±1.5V
Current into IN+, IN-, CE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±5mA
Pin Voltages. . . . . . . . . . . . . . . . . . . . . . . . .VS- - 0.5V to VS+ +0.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 750Ω for AV = 1, RF = 400Ω for AV = 2, RL = 150Ω, TA = 25°C unless otherwise
specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +1, RL = 500Ω, RF = 598Ω
500
MHz
AV = +2, RL = 150Ω, RF = 422Ω
233
MHz
BW1
0.1dB Bandwidth
30
MHz
SR
Slew Rate
VO = -2.5V to +2.5V, AV = +2, RL = 100Ω
(EL5262, EL5263, EL5362)
2000
2500
4000
V/µs
VO = -2.5V to +2.5V, AV = +2, RL = 100Ω
(EL5162, EL5163)
2800
4000
6000
V/µs
tS
0.1% Settling Time
VOUT = -2.5V to +2.5V, AV = +1
25
ns
eN
Input Voltage Noise
3nV/
√Hz
iN-
IN- Input Current Noise
10
pA/
√Hz
iN+
IN+ Input Current Noise
6.5
pA/
√Hz
dG
Differential Gain Error (Note 1)
AV = +2
0.05
%
dP
Differential Phase Error (Note 1)
AV = +2
0.15
°
DC PERFORMANCE
VOS
Offset Voltage
-5
1.5
+5
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
Measured from TMIN to TMAX
6µV/°C
ROL
Transimpedance
500
1000
k
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range
Guaranteed by CMRR test
±3
±3.3
V
CMRR
Common Mode Rejection Ratio
VIN = ±3V
506275
dB
-ICMR
- Input Current Common Mode Rejection
-1
0.22
+1
µA/V
+IIN
+ Input Current
-8
0.5
+8
µA
-IIN
- Input Current
-10
2
+10
µA
RIN
Input Resistance
0.8
1.6
3
M
CIN
Input Capacitance
1pF
OUTPUT CHARACTERISTICS
VO
Output Voltage Swing
RL = 150Ω to GND
±3.35
±3.6
±3.75
V
RL = 1kΩ to GND
±3.75
±3.9
±4.15
V
IOUT
Output Current
RL = 10Ω to GND
60
100
mA
EL5162, EL5163, EL5262, EL5263, EL5362


Similar Part No. - EL5362IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5362IU INTERSIL-EL5362IU Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5362IU-T13 INTERSIL-EL5362IU-T13 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5362IU-T7 INTERSIL-EL5362IU-T7 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5362IUZ INTERSIL-EL5362IUZ Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5362IUZ INTERSIL-EL5362IUZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
More results

Similar Description - EL5362IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com