Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75625KC Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75625KC
Description  FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75625KC Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS75625KC Datasheet HTML 5Page - Texas Instruments TPS75625KC Datasheet HTML 6Page - Texas Instruments TPS75625KC Datasheet HTML 7Page - Texas Instruments TPS75625KC Datasheet HTML 8Page - Texas Instruments TPS75625KC Datasheet HTML 9Page - Texas Instruments TPS75625KC Datasheet HTML 10Page - Texas Instruments TPS75625KC Datasheet HTML 11Page - Texas Instruments TPS75625KC Datasheet HTML 12Page - Texas Instruments TPS75625KC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
0
50
100
150
200
250
300
350
400
−40 −25 −10
5
20
35
50
65
80
95
110 125
TJ − Junction Temperature − °C
IO = 5 A
VO = 3.3 V
0
50
100
150
200
250
300
350
400
450
2.5
3
3.5
4
4.5
5
VI − Input Voltage − V
IO = 5 A
TJ = 25°C
TJ = −40°C
TJ = 125°C
3.8
50
−50
t − Time −
µs
0
150
100
50
200 250
350
300
400 450 500
VO = 1.5 V
IO = 5A
Co = 100 µF
2.8
−100
0
2
3
4
1.5
2.5
3.5
2
3
TJ = 125°C
TJ = 25°C
TJ = −40°C
IO = 5 A
VO − Output Voltage − V
1.75
2.25
2.75
3.25
2.8
TPS75601, TPS75615
TPS75618, TPS75625
TPS75633
SLVS329C – JUNE 2001 – REVISED MARCH 2004
TYPICAL CHARACTERISTICS (continued)
TPS75601
TPS75633
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs
vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 10.
Figure 11.
MINIMUM REQUIRED INPUT VOLTAGE
vs
TPS75615
OUTPUT VOLTAGE
LINE TRANSIENT RESPONSE
Figure 12.
Figure 13.
9


Similar Part No. - TPS75625KC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75625KC TI-TPS75625KC Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625KC TI1-TPS75625KC Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625KCG3 TI1-TPS75625KCG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75625KC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI-TPS75515 Datasheet
373Kb / 23P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75525 TI-TPS75525 Datasheet
370Kb / 27P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KTTTG3 TI1-TPS75618KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI1-TPS75515_16 Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515KTTT TI1-TPS75515KTTT Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625 TI-TPS75625 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com