Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76427DBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76427DBVT
Description  LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76427DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS76427DBVT Datasheet HTML 7Page - Texas Instruments TPS76427DBVT Datasheet HTML 8Page - Texas Instruments TPS76427DBVT Datasheet HTML 9Page - Texas Instruments TPS76427DBVT Datasheet HTML 10Page - Texas Instruments TPS76427DBVT Datasheet HTML 11Page - Texas Instruments TPS76427DBVT Datasheet HTML 12Page - Texas Instruments TPS76427DBVT Datasheet HTML 13Page - Texas Instruments TPS76427DBVT Datasheet HTML 14Page - Texas Instruments TPS76427DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TPS76425, TPS76427, TPS76428, TPS76430, TPS76433
LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
SLVS180B – MARCH 1999 – REVISED MAY 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
external capacitor requirements
Although not required, a 0.047-
µF or larger ceramic bypass input capacitor, connected between IN and GND
and located close to the TPS764xx, is recommended to improve transient response and noise rejection. A
higher-value electrolytic input capacitor may be necessary if large, fast-rise-time load transients are anticipated
and the device is located several inches from the power source.
Like all low dropout regulators, the TPS764xx requires an output capacitor connected between OUT and GND
to stabilize the internal loop control. The minimum recommended capacitance value is 4.7
µF and the ESR
(equivalent series resistance) must be between 0.2
Ω and 10 Ω. Capacitor values 4.7 µF or larger are
acceptable, provided the ESR is less than 10
Ω. Solid tantalum electrolytic, aluminum electrolytic, and multilayer
ceramic capacitors are all suitable, provided they meet the requirements described above. Most of the
commercially available 4.7
µF surface-mount solid tantalum capacitors, including devices from Sprague,
Kemet, and Nichico, meet the ESR requirements previously stated. Multilayer ceramic capacitors should have
minimum values of 1
µF over the full operating temperature range of the equipment.
CAPACITOR SELECTION
PART NO.
MFR.
VALUE
MAX ESR†
SIZE (H
× L × W)†
T494B475K016AS
KEMET
4.7
µF
1.5
1.9
× 3.5 × 2.8
195D106x0016x2T
SPRAGUE
10
µF
1.5
1.3
× 7.0 × 2.7
695D106x003562T
SPRAGUE
10
µF
1.3
2.5
× 7.6 × 2.5
TPSC475K035R0600
AVX
4.7
µF
0.6
2.6
× 6.0 × 3.2
† Size is in mm. ESR is maximum resistance in ohms at 100 kHz and TA = 25°C. Listings are sorted by height.


Similar Part No. - TPS76427DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76427DBVT TI-TPS76427DBVT Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427DBVT TI-TPS76427DBVT Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427DBVT TI-TPS76427DBVT Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427DBVTG4 TI-TPS76427DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427DBVTG4 TI-TPS76427DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76427DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com