Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75533 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS75533
Description  FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75533 Datasheet(HTML) 4 Page - Texas Instruments

  TPS75533 Datasheet HTML 1Page - Texas Instruments TPS75533 Datasheet HTML 2Page - Texas Instruments TPS75533 Datasheet HTML 3Page - Texas Instruments TPS75533 Datasheet HTML 4Page - Texas Instruments TPS75533 Datasheet HTML 5Page - Texas Instruments TPS75533 Datasheet HTML 6Page - Texas Instruments TPS75533 Datasheet HTML 7Page - Texas Instruments TPS75533 Datasheet HTML 8Page - Texas Instruments TPS75533 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS75515, TPS75518, TPS75525, TPS75533 WITH POWER GOOD AND
TPS75501 FAST TRANSIENT RESPONSE 5A LOW DROPOUT
VOLTAGE REGULATORS
SLVS293D − NOVEMBER 2000 − REVISED MAY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS755xx PG timing diagram
NOTE A: VIT −Trip voltage is typically 9% lower than the output voltage (91%VO). VIT− to VIT+ is the hysteresis voltage.
t
t
t
Threshold
Voltage
PG
Output
VIT +(see Note A)
VIN1
VOUT
VIT −
(see Note A)
VUVLO
VUVLO
detailed description
The TPS755xx family includes four fixed-output voltage regulators (1.5 V, 1.8 V, 2.5 V, and 3.3 V), and an
adjustable regulator, the TPS75501 (adjustable from 1.22 V to 5 V). The bandgap voltage is typically 1.22 V.
pin functions
enable (EN)
The EN terminal is an input which enables or shuts down the device. If EN is a logic high, the device will be in
shutdown mode. When EN goes to logic low, the device will be enabled.
power-good (PG)
The PG terminal for the fixed voltage option devices is an open drain, active low output that indicates the status
of VO (output of the LDO). When VO reaches approximately 91% of the regulated voltage, PG will go to a low
impedance state. It will go to a high-impedance state when VO falls below approximately 89% (i.e. over load
condition) of the regulated voltage. The open drain output of the PG terminal requires a pullup resistor.
feedback (FB)
FB is an input terminal used for the adjustable-output option and must be connected to the output terminal either
directly, in order to generate the minimum output voltage of 1.22 V, or through an external feedback resistor
divider for other output voltages. The FB connection should be as short as possible. It is essential to route it in
such a way to minimize/avoid noise pickup. Adding RC networks between FB terminal and VO to filter noise is
not recommended because it may cause the regulator to oscillate.


Similar Part No. - TPS75533

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75533 TI-TPS75533 Datasheet
373Kb / 23P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75533KC TI-TPS75533KC Datasheet
370Kb / 27P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75533KC TI-TPS75533KC Datasheet
373Kb / 23P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75533KC TI1-TPS75533KC Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75533KCG3 TI1-TPS75533KCG3 Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75533

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI-TPS75515 Datasheet
373Kb / 23P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75525 TI-TPS75525 Datasheet
370Kb / 27P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KTTTG3 TI1-TPS75618KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601 TI1-TPS75601 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515KTTT TI1-TPS75515KTTT Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625 TI-TPS75625 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com