Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75633KC Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75633KC
Description  FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75633KC Datasheet(HTML) 3 Page - Texas Instruments

  TPS75633KC Datasheet HTML 1Page - Texas Instruments TPS75633KC Datasheet HTML 2Page - Texas Instruments TPS75633KC Datasheet HTML 3Page - Texas Instruments TPS75633KC Datasheet HTML 4Page - Texas Instruments TPS75633KC Datasheet HTML 5Page - Texas Instruments TPS75633KC Datasheet HTML 6Page - Texas Instruments TPS75633KC Datasheet HTML 7Page - Texas Instruments TPS75633KC Datasheet HTML 8Page - Texas Instruments TPS75633KC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
_
+
Thermal
Shutdown
Bandgap
Reference
VIN
Current
Sense
R2
VIN
GND
EN
VOUT
SHUTDOWN
Vref = 1.22 V
UVLO
ILIM
External to
the Device
FB
R1
UVLO
_
+
Thermal
Shutdown
VIN
Current
Sense
R1
R2
VIN
GND
EN
VOUT
SHUTDOWN
UVLO
ILIM
Bandgap
Reference
UVLO
Vref = 1.22 V
TPS75601, TPS75615
TPS75618, TPS75625
TPS75633
SLVS329C – JUNE 2001 – REVISED MARCH 2004
FUNCTIONAL BLOCK DIAGRAM—ADJUSTABLE VERSION
FUNCTIONAL BLOCK DIAGRAM—FIXED VERSION
TERMINAL FUNCTIONS (TPS756xx)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
1
I
Enable input
FB/NC
5
I
Feedback input voltage for adjustable device/no connection for fixed options
GND
3
Regulator ground
IN
2
I
Input voltage
OUTPUT
4
O
Regulated output voltage
3


Similar Part No. - TPS75633KC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75633KC TI-TPS75633KC Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75633KC TI1-TPS75633KC Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75633KCG3 TI1-TPS75633KCG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75633KC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI-TPS75515 Datasheet
373Kb / 23P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75525 TI-TPS75525 Datasheet
370Kb / 27P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KTTTG3 TI1-TPS75618KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI1-TPS75515_16 Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515KTTT TI1-TPS75515KTTT Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625 TI-TPS75625 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com