Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBA0204NC7JRP00 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MBA0204NC7JRP00
Description  Professional Thin Film Leaded Resistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA0204NC7JRP00 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MBA0204NC7JRP00 Datasheet HTML 6Page - Vishay Siliconix MBA0204NC7JRP00 Datasheet HTML 7Page - Vishay Siliconix MBA0204NC7JRP00 Datasheet HTML 8Page - Vishay Siliconix MBA0204NC7JRP00 Datasheet HTML 9Page - Vishay Siliconix MBA0204NC7JRP00 Datasheet HTML 10Page - Vishay Siliconix MBA0204NC7JRP00 Datasheet HTML 11Page - Vishay Siliconix MBA0204NC7JRP00 Datasheet HTML 12Page - Vishay Siliconix MBA0204NC7JRP00 Datasheet HTML 13Page - Vishay Siliconix MBA0204NC7JRP00 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 02-Nov-15
10
Document Number: 28766
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
100 V
1 kV
10 V
10 kV
100
Ω
1 k
Ω
100 k
Ω
1 M
Ω
10
Ω
10 M
Ω
Resistance Value
R
10 k
Ω
MBE/SMA 0414
MBA/SMA 0204
MBB/SMA 0207
Pulse load rating in accordance with IEC 60115-1, 4.27; 1.2 µs/50 µs; 5 pulses at 12 s intervals;
for permissible resistance change (0.5 %
R + 0.05 Ω)
1.2/50 Pulse
100 V
1 kV
10 V
10 kV
100
Ω
1 k
Ω
100 k
Ω
1 M
Ω
10
Ω
10 M
Ω
Resistance Value
R
10 k
Ω
MBE/SMA 0414
MBA/SMA 0204
MBB/SMA 0207
10/700 Pulse
Pulse load rating in accordance with IEC 60115-1, 4.27; 10 µs/700 µs; 10 pulses at 1 minute intervals;
for permissible resistance change (0.5 %
R + 0.05 Ω)
0.01
0.1
1
100
Ω
µV/V
MBE/SMA 0414
MBA/SMA 0204
MBB/SMA 0207
1K
10K
100K
1M
10M
Resistance Value
R
Current noise -
A1 in accordance with IEC 60195


Similar Part No. - MBA0204NC7JRP00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
948Kb / 16P
   MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
More results

Similar Description - MBA0204NC7JRP00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com