Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCA1218KJHED Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RCA1218KJHED
Description  Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCA1218KJHED Datasheet(HTML) 3 Page - Vishay Siliconix

  RCA1218KJHED Datasheet HTML 1Page - Vishay Siliconix RCA1218KJHED Datasheet HTML 2Page - Vishay Siliconix RCA1218KJHED Datasheet HTML 3Page - Vishay Siliconix RCA1218KJHED Datasheet HTML 4Page - Vishay Siliconix RCA1218KJHED Datasheet HTML 5Page - Vishay Siliconix RCA1218KJHED Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RCA e3
www.vishay.com
Vishay Draloric
Revision: 08-Apr-14
3
Document Number: 20037
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING
MODEL
REEL
TAPE
WIDTH
DIAMETER
PITCH
PIECES/
REEL
PACKAGING CODE
PART NUMBER
PRODUCT DESC.
PAPER
BLISTER
PAPER
BLISTER
RCA0402
8 mm
180 mm/7"
2 mm
10 000
ED
ET7
285 mm/11.25"
2 mm
20 000
EC
ET6
330 mm/13"
2 mm
50 000
EE
EF4
RCA0603
8 mm
180 mm/7"
4 mm
5000
EA
ET1
285 mm/11.25"
4 mm
10 000
EB
ET5
330 mm/13"
4 mm
20 000
EC
ET6
RCA0805
8 mm
180 mm/7"
4 mm
5000
EA
ET1
285 mm/11.25"
4 mm
10 000
EB
ET5
330 mm/13"
4 mm
20 000
EC
ET6
RCA1206
8 mm
180 mm/7"
4 mm
5000
EA
ET1
285 mm/11.25"
4 mm
10 000
EB
ET5
330 mm/13"
4 mm
20 000
EC
ET6
RCA1210
8 mm
180 mm/7"
4 mm
5000
EA
ET1
285 mm/11.25"
4 mm
10 000
EB
ET5
330 mm/13"
4 mm
20 000
EC
ET6
RCA1218
12 mm
180 mm/7"
4 mm
4000
EK
ET9
RCA2010
12 mm
180 mm/7"
4 mm
4000
EF
E02
RCA2512
12 mm
180 mm/7"
8 mm
2000
EG
E67
4 mm
4000
EH
E82
DIMENSIONS in millimeters
SIZE
DIMENSIONS
SOLDER PAD DIMENSIONS
REFLOW SOLDERING
WAVE SOLDERING
INCH
METRIC
L
W
H
T1
T2
a
b
l
a
b
l
0402
1005
1.0 ± 0.05
0.5 ± 0.05
0.35 ± 0.05 0.25 ± 0.05
0.2 ± 0.1
0.4
0.6
0.5
0603
1608
1.55 + 0.10
- 0.05
0.85 ± 0.1
0.45 ± 0.05
0.3 ± 0.2
0.3 ± 0.2
0.5
0.9
1.0
0.9
0.9
1.0
0805
2012
2.0 + 0.20
- 0.10
1.25 ± 0.15
0.45 ± 0.05
0.3 + 0.20
- 0.10
0.3 ± 0.2
0.7
1.3
1.2
0.9
1.3
1.3
1206
3216
3.2 + 0.10
- 0.20
1.6 ± 0.15
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
0.9
1.7
2.0
1.1
1.7
2.3
1210
3225
3.2 ± 0.2
2.5 ± 0.2
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
0.9
2.5
2.0
1.1
2.5
2.2
1218
3246
3.2 + 0.10
- 0.20
4.6 ± 0.15
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
1.05
4.9
1.9
1.25
4.8
1.9
2010
5025
5.0 ± 0.15
2.5 ± 0.15
0.6 ± 0.1
0.6 ± 0.2
0.6 ± 0.2
1.0
2.5
3.9
1.2
2.5
3.9
2512
6332
6.3 ± 0.2
3.15 ± 0.15
0.6 ± 0.1
0.6 ± 0.2
0.6 ± 0.2
1.0
3.2
5.2
1.2
3.2
5.2


Similar Part No. - RCA1218KJHED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCA1218 VISHAY-RCA1218 Datasheet
88Kb / 6P
   Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Revision: 08-Apr-14
RCA1218-LSE3 VISHAY-RCA1218-LSE3 Datasheet
155Kb / 10P
   Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
More results

Similar Description - RCA1218KJHED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCA0603 VISHAY-RCA0603 Datasheet
88Kb / 6P
   Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Revision: 08-Apr-14
RCAE3 VISHAY-RCAE3 Datasheet
81Kb / 6P
   Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Revision: 08-Apr-14
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com