Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76733QPWPRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76733QPWPRQ1
Description  FAST-TRANSIENT-RESPONSE 1-A LOW-DROP OUT VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76733QPWPRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS76733QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS76733QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS76733QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS76733QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS76733QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS76733QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS76733QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS76733QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPS76733QPWPRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TPS76715Q1, TPS76718Q1, TPS76725Q1, TPS76727Q1
TPS76728Q1, TPS76730Q1, TPS76733Q1, TPS76750Q1, TPS76701Q1
FAST TRANSIENT RESPONSE 1A LOW DROPOUT VOLTAGE REGULATORS
SGLS009B − MARCH 2003 − REVISED APRIL 2008
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
IO − Output Current − A
TPS76733
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.2830
3.2815
3.2800
0.1
0.3
3.2825
3.2820
3.2810
0.2
0.8
1
3.2835
0
0.9
3.2805
0.4
0.5
0.6 0.7
VI = 4.3 V
TA = 25°C
Figure 3
IO − Output Current − A
1.4975
1.4960
1.4950
1.4970
1.4965
1.4955
1.4985
TPS76715
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
1.4980
0.1
0.3
0.2
0.8
1
0
0.9
0.4
0.5
0.6 0.7
VI = 2.7 V
TA = 25°C
Figure 4
IO − Output Current − A
TPS76725
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
2.4955
2.4940
2.4920
0.1
0.3
2.4950
2.4945
2.4935
0.2
0.4
0.6
2.4960
0
0.5
VI = 3.5 V
TA = 25°C
2.4930
2.4925
0.8
0.7
0.9
1
Figure 5
TA − Free-Air Temperature − °C
TPS76733
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
3.31
3.28
3.25
−40
0
3.30
3.29
3.27
−20
100
140
3.32
−60
120
3.26
20
40
60
80
VI = 4.3 V
IO = 1 A
IO = 1 mA


Similar Part No. - TPS76733QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76733QPWPRQ1 TI1-TPS76733QPWPRQ1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76733QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com