Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS764 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS764
Description  LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS764 Datasheet(HTML) 2 Page - Texas Instruments

  TPS764 Datasheet HTML 1Page - Texas Instruments TPS764 Datasheet HTML 2Page - Texas Instruments TPS764 Datasheet HTML 3Page - Texas Instruments TPS764 Datasheet HTML 4Page - Texas Instruments TPS764 Datasheet HTML 5Page - Texas Instruments TPS764 Datasheet HTML 6Page - Texas Instruments TPS764 Datasheet HTML 7Page - Texas Instruments TPS764 Datasheet HTML 8Page - Texas Instruments TPS764 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TPS76425, TPS76427, TPS76428, TPS76430, TPS76433
LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
SLVS180B – MARCH 1999 – REVISED MAY 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
TPS76425/ 27/ 28/ 30/ 33
OUT
IN
GND
EN
VREF
Current Limit
/ Thermal
Protection
BYPASS
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
I/O
DESCRIPTION
GND
Ground
EN
I
Enable input
BYPASS
Output bypass capacitor
IN
I
Input supply voltage
OUT
O
Regulated output voltage
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Input voltage range
(see Note 1)
– 0.3 V to 10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at EN
–0.3 V to VI + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage on OUT,
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak output current
Internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD rating, HBM
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See dissipation rating tables
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
– 40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to network ground terminal.
DISSIPATION RATING TABLE
BOARD
PACKAGE
R
θJC
R
θJA
DERATING FACTOR
ABOVE TA = 25°C
TA ≤ 25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
Low K‡
DBV
65.8
°C/W
259
°C/W
3.9 mW/
°C
386 mW
212 mW
154 mW
High K§
DBV
65.8
°C/W
180
°C/W
5.6 mW/
°C
555 mW
305 mW
222 mW
‡ The JEDEC Low K (1s) board design used to derive this data was a 3 inch x 3 inch, two layer board with 2 ounce copper traces on top of the board.
§ The JEDEC High K (2s2p) board design used to derive this data was a 3 inch x 3 inch, multilayer board with 1 ounce internal power and ground
planes and 2 ounce copper traces on top and bottom of the board.


Similar Part No. - TPS764

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425DBV TI-TPS76425DBV Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425DBVR TI-TPS76425DBVR Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS764

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com