Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76618DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76618DR
Description  ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76618DR Datasheet(HTML) 4 Page - Texas Instruments

  TPS76618DR Datasheet HTML 1Page - Texas Instruments TPS76618DR Datasheet HTML 2Page - Texas Instruments TPS76618DR Datasheet HTML 3Page - Texas Instruments TPS76618DR Datasheet HTML 4Page - Texas Instruments TPS76618DR Datasheet HTML 5Page - Texas Instruments TPS76618DR Datasheet HTML 6Page - Texas Instruments TPS76618DR Datasheet HTML 7Page - Texas Instruments TPS76618DR Datasheet HTML 8Page - Texas Instruments TPS76618DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
C
O
(1)
TPS76615
,, TPS76618,, TPS76625
TPS76627, TPS76628, TPS76630
TPS76633, TPS76650, TPS76601
SLVS237C – AUGUST 1999 – REVISED JANUARY 2009................................................................................................................................................. www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating free-air temperature range, Vi = VO(typ) + 1 V, IO = 10 µA, EN = 0 V, CO = 4.7 µF (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum input voltage for valid PG
IO(PG) = 300 µA
1.1
Trip threshold voltage
VO decreasing
92
98
%VO
PG
Hysteresis voltage
Measured at VO
0.5
%VO
Output low voltage
VI = 2.7 V,
IO(PG) = 1 mA
0.15
0.4
V
Leakage current
V(PG) = 5 V
1
µA
EN = 0 V
–1
0
1
Input current (EN)
µA
EN = VI
–1
1
IO = 250 mA,
TJ = +25°C
310
TPS76628
IO = 250 mA,
TJ = –40°C to +125°C
540
IO = 250 mA,
TJ = +25°C
270
TPS76630
IO = 250 mA,
TJ = –40°C to +125°C
470
Dropout voltage (3)
mV
IO = 250 mA,
TJ = +25°C
230
TPS76633
IO = 250 mA,
TJ = –40°C to +125°C
400
IO = 250 mA,
TJ = +25°C
140
TPS76650
IO = 250 mA,
TJ = –40°C to +125°C
250
(3)
IN voltage equals VO(Typ) – 100 mV; TPS76601 output voltage set to 3.3 V nominal with external resistor divider. TPS76615, TPS76618,
TPS76625, and TPS76627 dropout voltage limited by input voltage range limitations (that is, TPS76630 input voltage must drop to 2.9 V
for purpose of this test).
(1)
See Applications Information section for capacitor selection details.
Figure 1. Typical Application Configuration for Fixed Output Options
4
Submit Documentation Feedback
Copyright © 1999–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS76615 TPS76618 TPS76625 TPS76627 TPS76628 TPS76630 TPS76633 TPS76650
TPS76601


Similar Part No. - TPS76618DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76618DR TI1-TPS76618DR Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76618DR TI1-TPS76618DR Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
TPS76618DRG4 TI1-TPS76618DRG4 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76618DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76601 TI1-TPS76601_13 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615_15 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
logo
Microchip Technology
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
   250 mA, 16V, Low Quiescent Current
12/08/06
MCP1703 MICROCHIP-MCP1703 Datasheet
396Kb / 24P
   250 mA, 16V, Low Quiescent Current
2007
logo
Texas Instruments
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS794XX TI1-TPS794XX_16 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com