Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS-2302B Datasheet(PDF) 2 Page - Copal Electronics

Part # CMS-2302B
Description  SLIDE SWITCHES (SMD)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CMS-2302B Datasheet(HTML) 2 Page - Copal Electronics

  CMS-2302B Datasheet HTML 1Page - Copal Electronics CMS-2302B Datasheet HTML 2Page - Copal Electronics CMS-2302B Datasheet HTML 3Page - Copal Electronics CMS-2302B Datasheet HTML 4Page - Copal Electronics CMS-2302B Datasheet HTML 5Page - Copal Electronics CMS-2302B Datasheet HTML 6Page - Copal Electronics CMS-2302B Datasheet HTML 7Page - Copal Electronics CMS-2302B Datasheet HTML 8Page - Copal Electronics CMS-2302B Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LIST OF PART NUMBERS
Setting
position
Top
setting
Side
setting
Form of packaging
Shape of terminals
Knob
length
Pieces in
package
Taping
Plastic bag
Taping
Plastic bag
Tray packaging
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
A(J-hook)
C(Through hole pins
B(Gull wing
A(J-hook)
C
        
Through hole pins
B(Gull wing
2 mm
2 mm
4 mm
2 mm
4 mm
2 mm
4 mm
CMS-2202TA
CMS-2302TA
CMS-2402TA
900 pcs./reel
CMS-2202A
CMS-2302A
CMS-2402A
50 pcs./pack
CMS-2202TB
CMS-2302TB
CMS-2402TB
900 pcs./reel
CMS-2202B
CMS-2302B
CMS-2402B
50 pcs./pack
CMS-2202WC
CMS-2302WC
CMS-2402WC
50 pcs./tray
CMS-2202C
CMS-2302C
CMS-2402C
50 pcs./pack
CMS-2212TA
CMS-2312TA
CMS-2412TA
900 pcs./reel
CMS-2212A
CMS-2312A
CMS-2412A
50 pcs./pack
CMS-2214TA
CMS-2314TA
CMS-2414TA
900 pcs./reel
CMS-2214A
CMS-2314A
CMS-2414A
50 pcs./pack
CMS-2212TB
CMS-2312TB
CMS-2412TB
900 pcs./reel
CMS-2212B
CMS-2312B
CMS-2412B
50 pcs./pack
CMS-2214TB
CMS-2314TB
CMS-2414TB
900 pcs./reel
CMS-2214B
CMS-2314B
CMS-2414B
50 pcs./pack
CMS-2212WC
CMS-2312WC
CMS-2412WC
50 pcs./tray
CMS-2212C
CMS-2312C
CMS-2412C
50 pcs./pack
CMS-2214WC
CMS-2314WC
CMS-2414WC
50 pcs./tray
CMS-2214C
CMS-2314C
CMS-2414C
50 pcs./pack
※ Verify the above part numbers when placing orders.
Taping and tray version can be supplied only in reel or tray unit.
No. of contacts
2
3
4
CMS
SLIDE SWITCHES (SMD)
Setting
position
Top
setting
Side
setting
Form of packaging
Shape of terminals
Knob
length
Pieces in
package
Taping
Plastic bag
Taping
Plastic bag
Tray packaging
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
Tray packaging
Plastic bag
A(J-hook)
C(Through hole pins
C(Through hole pins
B(Gull wing
A(J-hook)
B(Gull wing
2 mm
6 mm
CMS-4202TA
500 pcs./reel
CMS-4202A
25 pcs./pack
CMS-4202TB
500 pcs./reel
CMS-4202B
25 pcs./pack
CMS-4202WC
50 pcs./tray
CMS-4202C
25 pcs./pack
CMS-4216TA
500 pcs./reel
CMS-4216A
25 pcs./pack
CMS-4216TB
500 pcs./reel
CMS-4216B
25 pcs./pack
CMS-4216WC
50 pcs./tray
CMS-4216C
25 pcs./pack
No. of contacts
2
O 2 poles
O 4 poles


Similar Part No. - CMS-2302B

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CMS-231137-158SP-X8 CUID-CMS-231137-158SP-X8 Datasheet
373Kb / 5P
   SPEAKER
03/22/2023
logo
CUI INC
CMS-23558N-L152 CUI-CMS-23558N-L152 Datasheet
367Kb / 4P
   550 Hz resonant frequency
CMS-23558N-L152 CUI-CMS-23558N-L152 Datasheet
425Kb / 5P
   SPEAKER
10/23/2020
logo
CUI Devices
CMS-23558N-L152 CUID-CMS-23558N-L152 Datasheet
395Kb / 5P
   SPEAKER
08/05/2022
logo
CUI INC
CMS-23558N-L152A CUI-CMS-23558N-L152A Datasheet
425Kb / 5P
   SPEAKER
10/23/2020
More results

Similar Description - CMS-2302B

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CJS COPAL-CJS Datasheet
947Kb / 5P
   SLIDE SWITCHES (SMD)
logo
List of Unclassifed Man...
CJS-1201TB1 ETC2-CJS-1201TB1 Datasheet
125Kb / 5P
   SLIDE SWITCHES(SMD)
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com