Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76550D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76550D
Description  ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76550D Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS76550D Datasheet HTML 2Page - Texas Instruments TPS76550D Datasheet HTML 3Page - Texas Instruments TPS76550D Datasheet HTML 4Page - Texas Instruments TPS76550D Datasheet HTML 5Page - Texas Instruments TPS76550D Datasheet HTML 6Page - Texas Instruments TPS76550D Datasheet HTML 7Page - Texas Instruments TPS76550D Datasheet HTML 8Page - Texas Instruments TPS76550D Datasheet HTML 9Page - Texas Instruments TPS76550D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TPS76515, TPS76518, TPS76525, TPS76527
TPS76528, TPS76530, TPS76533, TPS76550, TPS76501
ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS236 – AUGUST 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical
characteristics
over
recommended
operating
free-air
temperature
range,
Vi = VO(typ) + 1 V, IO = 10 µA, EN = 0 V, CO = 4.7 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS76528
IO = 150 mA,
TJ = 25°C
190
TPS76528
IO = 150 mA,
TJ = –40°C to 125°C
330
TPS76530
IO = 150 mA,
TJ = 25°C
160
Dropout voltage
TPS76530
IO = 150 mA,
TJ = –40°C to 125°C
280
mV
g
(See Note 4)
TPS76533
IO = 150 mA,
TJ = 25°C
140
mV
TPS76533
IO = 150 mA,
TJ = –40°C to 125°C
240
TPS76550
IO = 150 mA,
TJ = 25°C
85
TPS76550
IO = 150 mA,
TJ = –40°C to 125°C
150
NOTES:
3. If VO ≤ 1.8 V then Vimin = 2.7 V, Vimax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
imax *
2.7 V
100
1000
If VO ≥ 2.5 V then Vimin = VO + 1 V, Vimax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
imax *
V
O )
1V
100
1000
4. IN voltage equals VO(Typ) – 100 mV; TPS76501 output voltage set to 3.3 V nominal with external resistor divider. TPS76515,
TPS76518, TPS76525, and TPS76527 dropout voltage limited by input voltage range limitations (i.e., TPS76530 input voltage
needs to drop to 2.9 V for purpose of this test).
Table of Graphs
FIGURE
Output voltage
vs Load current
2, 3
Output voltage
vs Free-air temperature
4, 5
Ground current
vs Load current
6, 7
Ground current
vs Free-air temperature
8, 9
Power supply ripple rejection
vs Frequency
10
Output spectral noise density
vs Frequency
11
Output impedance
vs Frequency
12
Dropout voltage
vs Free-air temperature
13, 14
Line transient response
15, 17
Load transient response
16, 18
Output voltage
vs Time
19
Dropout voltage
vs Input voltage
20
Equivalent series resistance (ESR)
vs Output current
21 – 24
Equivalent series resistance (ESR)
vs Added ceramic capacitance
25, 26
Obsolete Devices: TPS76501, TPS76525, TPS76528


Similar Part No. - TPS76550D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76550D TI-TPS76550D Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76550D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76515 TI-TPS76515 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
LP3986 TI1-LP3986 Datasheet
1Mb / 18P
[Old version datasheet]   Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5820NL ONSEMI-NVTFS5820NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Texas Instruments
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com