Electronic Components Datasheet Search |
|
TPS76801 Datasheet(PDF) 7 Page - Texas Instruments |
|
TPS76801 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 26 page TPS76815-Q1, TPS76818-Q1, TPS76825-Q1, TPS76827-Q1 TPS76828-Q1, TPS76830-Q1 TPS76833-Q1, TPS76850-Q1, TPS76801-Q1 FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS SGLS155A − FEBRUARY 2003 − REVISED SEPTEMBER 2008 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range, VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 10 µF (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Minimum input voltage for valid PG IO(PG) = 300 µA 1.1 V Trip threshold voltage VO decreasing 92 98 %VO PG Hysteresis voltage Measured at VO 0.5 %VO PG Output low voltage VI = 2.7 V, IO(PG) = 1 mA 0.15 0.4 V Leakage current V(PG) = 5 V 1 µA Input current (EN) EN = 0 V −1 0 1 A Input current (EN) EN = VI −1 1 µA TPS76828 IO = 1 A, TJ = 25°C 500 TPS76828 IO = 1 A, TJ = −40°C to 125°C 825 TPS76830 IO = 1 A, TJ = 25°C 450 Dropout voltage TPS76830 IO = 1 A, TJ = −40°C to 125°C 675 mV Dropout voltage (see Note 4) TPS76833 IO = 1 A, TJ = 25°C 350 mV TPS76833 IO = 1 A, TJ = −40°C to 125°C 575 TPS76850 IO = 1 A, TJ = 25°C 230 TPS76850 IO = 1 A, TJ = −40°C to 125°C 380 NOTE 4: IN voltage equals VO(typ) − 100 mV; TPS76801 output voltage set to 3.3 V nominal with external resistor divider. TPS76815, TPS76818, TPS76825, and TPS76827 dropout voltage limited by input voltage range limitations (i.e., TPS76830 input voltage needs to drop to 2.9 V for purpose of this test). TYPICAL CHARACTERISTICS Table of Graphs FIGURE V Output voltage vs Output current 2, 3, 4 VO Output voltage vs Free-air temperature 5, 6, 7 Ground current vs Free-air temperature 8, 9 Power supply ripple rejection vs Frequency 10 Output spectral noise density vs Frequency 11 Input voltage (min) vs Output voltage 12 Zo Output impedance vs Frequency 13 VDO Dropout voltage vs Free-air temperature 14 Line transient response 15, 17 Load transient response 16, 18 VO Output voltage vs Time 19 Dropout voltage vs Input voltage 20 Equivalent series resistance (ESR) vs Output current 22 − 25 |
Similar Part No. - TPS76801 |
|
Similar Description - TPS76801 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |